Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXGK55N120A3H1 Datasheet (PDF) - IXYS Corporation

IXGK55N120A3H1 Datasheet PDF - IXYS Corporation
Part # IXGK55N120A3H1
Download  IXGK55N120A3H1 Download
File Size   128.34 Kbytes
Page   2 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description GenX3 1200V IGBTs w/ Diode

IXGK55N120A3H1 Datasheet (PDF)

Go To PDF Page Download Datasheet
IXGK55N120A3H1 Datasheet PDF - IXYS Corporation

Part # IXGK55N120A3H1
Download  IXGK55N120A3H1 Click to download

File Size   128.34 Kbytes
Page   2 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description GenX3 1200V IGBTs w/ Diode

IXGK55N120A3H1 Datasheet (HTML) - IXYS Corporation


IXGK55N120A3H1 Product details

Ultra-Low-Vsat PT IGBTs for up to 3kHz Switching

Features
• Optimized for Low Conduction Losses
• Anti-Parallel Ultra Fast Diode

Advantages
• High Power Density
• Low Gate Drive Requirement

Applications
• Power Inverters
• UPS
• Motor Drives
• SMPS
• PFC Circuits
• Battery Chargers
• Welding Machines
• Lamp Ballasts
• Inrush Current Protection Circuits




Similar Part No. - IXGK55N120A3H1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGK50N120C3H1 IXYS-IXGK50N120C3H1 Datasheet
224Kb / 6P
GenX3 1200V IGBTs w/ Diode
IXGK50N50BU1 IXYS-IXGK50N50BU1 Datasheet
162Kb / 6P
HiPerFAST IGBT with Diode
IXGK50N60A2D1 IXYS-IXGK50N60A2D1 Datasheet
130Kb / 6P
IGBT with Diode
IXGK50N60AU1 IXYS-IXGK50N60AU1 Datasheet
152Kb / 6P
HiPerFAST IGBT with Diode
IXGK50N60B IXYS-IXGK50N60B Datasheet
182Kb / 4P
HiPerFAST IGBT
More results


Similar Description - IXGK55N120A3H1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGA12N120A3 IXYS-IXGA12N120A3 Datasheet
207Kb / 5P
GenX3 1200V IGBTs
IXGA20N120A3 IXYS-IXGA20N120A3 Datasheet
241Kb / 6P
GenX3 1200V IGBTs
IXGA30N120B3 IXYS-IXGA30N120B3 Datasheet
217Kb / 6P
GenX3 1200V IGBTs
IXGH20N140C3H1 IXYS-IXGH20N140C3H1 Datasheet
107Kb / 2P
GenX3 1400V IGBTs w/ Diode
IXGH28N140B3H1 IXYS-IXGH28N140B3H1 Datasheet
206Kb / 7P
GenX3 1400V IGBTs w/ Diode
IXGK50N120C3H1 IXYS-IXGK50N120C3H1 Datasheet
224Kb / 6P
GenX3 1200V IGBTs w/ Diode
IXGK82N120A3 IXYS-IXGK82N120A3 Datasheet
187Kb / 5P
GenX3 1200V IGBTs
IXGK82N120B3 IXYS-IXGK82N120B3 Datasheet
225Kb / 6P
GenX3 1200V IGBTs
IXGK120N120B3 IXYS-IXGK120N120B3 Datasheet
129Kb / 2P
GenX3 1200V IGBTs
IXYK100N120C3 IXYS-IXYK100N120C3 Datasheet
208Kb / 6P
1200V XPTTM IGBTs GenX3
More results




About IXYS Corporation


IXYS Corporation is a technology company that specializes in the design, manufacture, and sale of power semiconductors and integrated circuits (ICs). The company was founded in 1983 and is headquartered in Milpitas, California. IXYS has a global presence, with operations and customers in over 60 countries around the world.

IXYS provides a wide range of products and solutions, including power MOSFETs, power bipolar transistors, thyristors, diodes, and ICs for power management and control applications. The company's products are used in a variety of applications, including renewable energy, industrial, automotive, and consumer electronics.

IXYS is known for its expertise in power semiconductor technology and its ability to provide high-performance and cost-effective solutions to its customers. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the power semiconductor market. IXYS is a recognized leader in the power semiconductor market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com