Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXGH20N140C3H1 Datasheet (PDF) - IXYS Corporation

IXGH20N140C3H1 Datasheet PDF - IXYS Corporation
Part # IXGH20N140C3H1
Download  IXGH20N140C3H1 Download
File Size   107.11 Kbytes
Page   2 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description GenX3 1400V IGBTs w/ Diode

IXGH20N140C3H1 Datasheet (PDF)

Go To PDF Page Download Datasheet
IXGH20N140C3H1 Datasheet PDF - IXYS Corporation

Part # IXGH20N140C3H1
Download  IXGH20N140C3H1 Click to download

File Size   107.11 Kbytes
Page   2 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description GenX3 1400V IGBTs w/ Diode

IXGH20N140C3H1 Datasheet (HTML) - IXYS Corporation


IXGH20N140C3H1 Product details

GenX3™ 1400V IGBTs w/ Diode

High-Speed PT IGBTs for 20 - 50 kHz Switching

Features
• Optimized for Low Switching Losses
• Square RBSOA
• High Avalanche Capability
• Anti-Parallel Ultra Fast Diode
• International Standard Packages

Advantages
• High Power Density
• Low Gate Drive Requirement

Applications
• High Frequency Power Inverters
• UPS
• Motor Drives
• SMPS
• PFC Circuits
• Battery Chargers
• Welding Machines
• Lamp Ballasts




Similar Part No. - IXGH20N140C3H1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGH20N100 IXYS-IXGH20N100 Datasheet
56Kb / 2P
IGBT
IXGH20N120 IXYS-IXGH20N120 Datasheet
120Kb / 2P
IGBT
IXGH20N120A3 IXYS-IXGH20N120A3 Datasheet
241Kb / 6P
GenX3 1200V IGBTs
IXGH20N120B IXYS-IXGH20N120B Datasheet
574Kb / 5P
High Voltage IGBT
IXGH20N120BD1 IXYS-IXGH20N120BD1 Datasheet
495Kb / 5P
High Voltage IGBT with Diode
More results


Similar Description - IXGH20N140C3H1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGA12N120A3 IXYS-IXGA12N120A3 Datasheet
207Kb / 5P
GenX3 1200V IGBTs
IXGA20N120A3 IXYS-IXGA20N120A3 Datasheet
241Kb / 6P
GenX3 1200V IGBTs
IXGA30N120B3 IXYS-IXGA30N120B3 Datasheet
217Kb / 6P
GenX3 1200V IGBTs
IXGH28N140B3H1 IXYS-IXGH28N140B3H1 Datasheet
206Kb / 7P
GenX3 1400V IGBTs w/ Diode
IXGH60N60C3D1 IXYS-IXGH60N60C3D1 Datasheet
243Kb / 7P
GenX3 600V IGBTs with Diode
IXGK50N120C3H1 IXYS-IXGK50N120C3H1 Datasheet
224Kb / 6P
GenX3 1200V IGBTs w/ Diode
IXGK55N120A3H1 IXYS-IXGK55N120A3H1 Datasheet
128Kb / 2P
GenX3 1200V IGBTs w/ Diode
IXGK82N120A3 IXYS-IXGK82N120A3 Datasheet
187Kb / 5P
GenX3 1200V IGBTs
IXGK120N120B3 IXYS-IXGK120N120B3 Datasheet
129Kb / 2P
GenX3 1200V IGBTs
IXGK320N60B3 IXYS-IXGK320N60B3 Datasheet
201Kb / 6P
GenX3 600V IGBTs
More results




About IXYS Corporation


IXYS Corporation is a technology company that specializes in the design, manufacture, and sale of power semiconductors and integrated circuits (ICs). The company was founded in 1983 and is headquartered in Milpitas, California. IXYS has a global presence, with operations and customers in over 60 countries around the world.

IXYS provides a wide range of products and solutions, including power MOSFETs, power bipolar transistors, thyristors, diodes, and ICs for power management and control applications. The company's products are used in a variety of applications, including renewable energy, industrial, automotive, and consumer electronics.

IXYS is known for its expertise in power semiconductor technology and its ability to provide high-performance and cost-effective solutions to its customers. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the power semiconductor market. IXYS is a recognized leader in the power semiconductor market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com