Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA700 Datasheet (PDF) - Texas Instruments

INA700 Datasheet PDF - Texas Instruments
Part # INA700
Download  INA700 Download
File Size   2063.42 Kbytes
Page   50 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description INA700 40 V, 16-Bit, I2C Output Digital Power Monitor in WCSP with 2 mΩ EZShunt™ Technology

INA700 Datasheet (PDF)

Go To PDF Page Download Datasheet
INA700 Datasheet PDF - Texas Instruments

Part # INA700
Download  INA700 Click to download

File Size   2063.42 Kbytes
Page   50 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description INA700 40 V, 16-Bit, I2C Output Digital Power Monitor in WCSP with 2 mΩ EZShunt™ Technology

INA700 Datasheet (HTML) - Texas Instruments


INA700 Product details

1 Features
• Low loss integrated shunt resistor
– Internal resistance: 2 mΩ at TA = 25°C
– Current rating: ±15 A at TA = 25°C
• High-resolution, 16-bit delta-sigma ADC
– Wide common-mode range: –0.3 V to +40 V
– Reports current, bus voltage, power, internal
temperature, energy, and charge
– Programmable conversion time and averaging
• Current monitoring accuracy:
– Total Measurement Error: ±0.5% at 5 A
– Offset current: ±1.5 mA (maximum)
– Gain error: ±0.5% (maximum at 5 A)
– Gain error drift: ±50 ppm/°C (maximum)
• Power monitoring accuracy:
– 0.85% accuracy at 5 A
• Energy and Charge accuracy:
– 1.35% accuracy at 5 A
• Internal monitoring and fault detection
• Precision oscillator: ±0.5% (maximum)
• 2.94-MHz High-Speed I2C interface with 4 pinselectable
addresses
• Operates from a 2.7-V to 5.5-V supply
– Operational current: 640 μA (typical)
– Shutdown current: 5 μA (maximum)

2 Applications
• Notebook computers
• Smartphones
• Industrial battery packs
• Smart network interface cards (NIC)
• Hardware accelerator cards

3 Description
The INA700 is a digital power monitor with an
integrated shunt resistor along with a 16-bit deltasigma
ADC specifically designed for current sensing
applications. The device can measure full-scale
currents up to ±15.728 A, over the common-mode
voltage range of –0.3 V to +40 V.
The INA700 reports current, bus voltage, die
temperature, power, energy and charge accumulation
with a precision ±0.5% integrated oscillator, all
while performing the needed calculations in the
background. The integrated temperature sensor is
±3°C accurate over the junction temperature range.
The low offset and gain error drift of the INA700
allows use in systems that do not undergo
temperature calibration during manufacturing.
The device features selectable ADC conversion
times from 50 μs to 4.12 ms as well as sample
averaging from 1x to 1024x, which further helps
reduce the noise of the measured data and allows for
optimization of overcurrent detection windows.
The device is available in a tiny PowerWCSP
(DSBGA) package to minimize the solution size and
maximize thermal performance.




Similar Part No. - INA700

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA700 TI-INA700 Datasheet
1Mb / 43P
INA700 40-V, 16-Bit, I2C Output Digital Power Monitor in WCSP with EZShunt™ Technology
MAY 2023
More results


Similar Description - INA700

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA237-Q1 TI1-INA237-Q1 Datasheet
804Kb / 33P
INA237-Q1 85-V, 16-Bit, Precision Power Monitor With I2C Interface
INA237 TI-INA237 Datasheet
2Mb / 45P
INA237 85-V, 16-Bit, Precision Power Monitor With I2C Interface
INA230 TI-INA230_V01 Datasheet
2Mb / 44P
INA230 36-V, 16-Bit, I2C Output Current, Voltage and Power Monitor With Alert
DECEMBER 2021
INA700 TI-INA700 Datasheet
1Mb / 43P
INA700 40-V, 16-Bit, I2C Output Digital Power Monitor in WCSP with EZShunt™ Technology
MAY 2023
INA740A TI1-INA740A Datasheet
1Mb / 41P
INA740x 85 V, 16-Bit, Precision I2C Output Digital Power Monitor with EZShunt™ Technology
JULY 2023
INA741 TI1-INA741 Datasheet
1Mb / 40P
INA741 85 V, 20-Bit, Ultra-Precise I2C Output Digital Power Monitor with EZShunt™ Technology
JULY 2023
INA745A TI1-INA745A Datasheet
1Mb / 41P
INA745x 40 V, 16-Bit, Precision I2C Output Digital Power Monitor with EZShunt™ Technology
JULY 2023
INA746 TI1-INA746 Datasheet
1Mb / 40P
INA746 40 V, 20-Bit, Ultra-Precise I2C Output Digital Power Monitor with EZShunt™ Technology
JULY 2023
INA780A TI1-INA780A Datasheet
1Mb / 42P
INA780x 85 V, 16-Bit, Precision I2C Output Digital Power Monitor with EZShunt™ Technology
JULY 2023
INA781 TI1-INA781 Datasheet
1Mb / 40P
INA781 85 V, 20-Bit, Ultra-Precise I2C Output Digital Power Monitor with EZShunt™ Technology
JULY 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com