Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA700 Datasheet(PDF) 8 Page - Texas Instruments

Part # INA700
Description  INA700 40 V, 16-Bit, I2C Output Digital Power Monitor in WCSP with 2 mΩ EZShunt™ Technology
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA700 Datasheet(HTML) 8 Page - Texas Instruments

Back Button INA700 Datasheet HTML 4Page - Texas Instruments INA700 Datasheet HTML 5Page - Texas Instruments INA700 Datasheet HTML 6Page - Texas Instruments INA700 Datasheet HTML 7Page - Texas Instruments INA700 Datasheet HTML 8Page - Texas Instruments INA700 Datasheet HTML 9Page - Texas Instruments INA700 Datasheet HTML 10Page - Texas Instruments INA700 Datasheet HTML 11Page - Texas Instruments INA700 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
6.8 Typical Characteristics
at TA = 25°C, VVS = 3.3 V, VCM = 12 V, ISENSE = 0, and VVBUS = 48 V (unless otherwise noted)
Input Offset Current (mA)
-1
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
1
Figure 6-2. Input Offset Current Production Distribution
Temperature ( C)
-50
-25
0
25
50
75
100
125
-2.5
-1.5
-0.5
0.5
1.5
2.5
Figure 6-3. Input Offset Current vs Temperature
Common-Mode Rejection Ratio ( A/V)
-50
-40
-30
-20
-10
0
10
20
30
40
50
Figure 6-4. Common-Mode Rejection Ratio Production
Distribution
Temperature ( C)
-50
-25
0
25
50
75
100
125
-25
-15
-5
5
15
25
Figure 6-5. Common-Mode Rejection Ratio vs Temperature
Gain Error (m%)
-500 -400 -300 -200 -100
0
100 200 300 400 500
VCM = 12 V
VSENSE = 5 A
Figure 6-6. Current Measurement Gain Error Production
Distribution
Temperature ( C)
-50
-25
0
25
50
75
100
125
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
ISENSE = 5 A
Figure 6-7. Current Measurement Gain Error vs Temperature
INA700
SBOSAB4A – MAY 2023 – REVISED SEPTEMBER 2023
www.ti.com
8
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: INA700



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com