Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA700 Datasheet(PDF) 24 Page - Texas Instruments

Part # INA700
Description  INA700 40 V, 16-Bit, I2C Output Digital Power Monitor in WCSP with 2 mΩ EZShunt™ Technology
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA700 Datasheet(HTML) 24 Page - Texas Instruments

Back Button INA700 Datasheet HTML 20Page - Texas Instruments INA700 Datasheet HTML 21Page - Texas Instruments INA700 Datasheet HTML 22Page - Texas Instruments INA700 Datasheet HTML 23Page - Texas Instruments INA700 Datasheet HTML 24Page - Texas Instruments INA700 Datasheet HTML 25Page - Texas Instruments INA700 Datasheet HTML 26Page - Texas Instruments INA700 Datasheet HTML 27Page - Texas Instruments INA700 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 50 page
background image
Table 7-4. INA700 Access Type Codes (continued)
Access Type
Code
Description
R/W
R/W
Value can be read or written
7.6.1.1 Configuration (CONFIG) Register (Address = 0h) [reset = 0h]
The CONFIG register is shown in Table 7-5.
Return to the Summary Table.
Table 7-5. CONFIG Register Field Descriptions
Bit
Field
Type
Reset
Description
15
RST
R/W
0h
Reset Bit. Setting this bit to '1' generates a system reset that is the
same as power-on reset.
Resets all registers to default values.
0h = Normal Operation
1h = System Reset sets registers to default values
This bit self-clears.
14
RSTACC
R/W
0h
Resets the contents of accumulation registers ENERGY and
CHARGE to 0
0h = Normal Operation
1h = Clears registers to default values for ENERGY and CHARGE
registers
13-6
CONVDLY
R/W
0h
Sets the Delay for initial ADC conversion in steps of 2 ms.
0h = 0 s
1h = 2 ms
FFh = 510 ms
5
RESERVED
R
0h
Reserved. Always reads 0.
4
RESERVED
R
1h
Reserved. Always reads 1.
3-0
RESERVED
R
0h
Reserved. Always reads 0.
INA700
SBOSAB4A – MAY 2023 – REVISED SEPTEMBER 2023
www.ti.com
24
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: INA700



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com