Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA700 Datasheet(PDF) 30 Page - Texas Instruments

Part # INA700
Description  INA700 40 V, 16-Bit, I2C Output Digital Power Monitor in WCSP with 2 mΩ EZShunt™ Technology
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA700 Datasheet(HTML) 30 Page - Texas Instruments

Back Button INA700 Datasheet HTML 26Page - Texas Instruments INA700 Datasheet HTML 27Page - Texas Instruments INA700 Datasheet HTML 28Page - Texas Instruments INA700 Datasheet HTML 29Page - Texas Instruments INA700 Datasheet HTML 30Page - Texas Instruments INA700 Datasheet HTML 31Page - Texas Instruments INA700 Datasheet HTML 32Page - Texas Instruments INA700 Datasheet HTML 33Page - Texas Instruments INA700 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 50 page
background image
7.6.1.10 Current Over-Limit Threshold (COL) Register (Address = Ch) [reset = 7FFFh]
If negative values are entered in this register, then a current measurement of 0 A will trip this alarm. When using
negative values for the under current and overcurrent thresholds be aware that the overcurrent threshold must
be set to the larger (that is, less negative) of the two values. The COL register is shown in Table 7-14.
Return to the Summary Table.
Table 7-14. COL Register Field Descriptions
Bit
Field
Type
Reset
Description
15-0
COL
R/W
7FFFh
Sets the threshold for comparison of the value to detect overcurrent
condition (overcurrent protection). 2's-complement value.
7.6.1.11 Current Under-Limit Threshold (CUL) Register (Address = Dh) [reset = 8000h]
The CUL register is shown in Table 7-15.
Return to the Summary Table.
Table 7-15. CUL Register Field Descriptions
Bit
Field
Type
Reset
Description
15-0
CUL
R/W
8000h
Sets the threshold for comparison of the value to detect undercurrent
condition. 2's-complement value.
7.6.1.12 Bus Overvoltage Threshold (BOVL) Register (Address = Eh) [reset = 7FFFh]
The BOVL register is shown in Table 7-16.
Return to the Summary Table.
Table 7-16. BOVL Register Field Descriptions
Bit
Field
Type
Reset
Description
15
Reserved
R
0h
Reserved. Always reads 0.
14-0
BOVL
R/W
7FFFh
Sets the threshold for comparison of the value to detect Bus
Overvoltage (overvoltage protection). Unsigned representation,
positive value only. Conversion factor: 3.125 mV/LSB.
7.6.1.13 Bus Undervoltage Threshold (BUVL) Register (Address = Fh) [reset = 0h]
The BUVL register is shown in Table 7-16.
Return to the Summary Table.
Table 7-17. BUVL Register Field Descriptions
Bit
Field
Type
Reset
Description
15
Reserved
R
0h
Reserved. Always reads 0.
14-0
BUVL
R/W
0h
Sets the threshold for comparison of the value to detect Bus
Undervoltage (undervoltage protection). Unsigned representation,
positive value only. Conversion factor: 3.125 mV/LSB.
INA700
SBOSAB4A – MAY 2023 – REVISED SEPTEMBER 2023
www.ti.com
30
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: INA700



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com