Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA700 Datasheet(PDF) 35 Page - Texas Instruments

Part # INA700
Description  INA700 40 V, 16-Bit, I2C Output Digital Power Monitor in WCSP with 2 mΩ EZShunt™ Technology
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA700 Datasheet(HTML) 35 Page - Texas Instruments

Back Button INA700 Datasheet HTML 31Page - Texas Instruments INA700 Datasheet HTML 32Page - Texas Instruments INA700 Datasheet HTML 33Page - Texas Instruments INA700 Datasheet HTML 34Page - Texas Instruments INA700 Datasheet HTML 35Page - Texas Instruments INA700 Datasheet HTML 36Page - Texas Instruments INA700 Datasheet HTML 37Page - Texas Instruments INA700 Datasheet HTML 38Page - Texas Instruments INA700 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 50 page
background image
8.2 Typical Application
The low offset voltage of the INA700 allows accurate monitoring of a wide range of currents. Figure 8-1 shows
the circuit for monitoring currents in a high-side configuration.
GND
A0
ALERT
SDA
SCL
0.1 µF
VS
Power supply voltage
(2.7 V to 5.5 V)
Bus supply rail
(-0.3 V to 40 V)
IN+
IN-
INA700
LOAD
Figure 8-1. INA700 High-Side Sensing Application Diagram
8.2.1 Design Requirements
The design requirements for the circuit shown in Figure 8-1 are listed in Table 8-3.
Table 8-3. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Power-supply voltage (VS)
5 V
Bus supply rail (VCM)
12 V
Bus supply rail overvoltage fault threshold
14 V
Average Current
5 A
Overcurrent fault threshold (IMAX)
9 A
Temperature
40ºC
Charge Accumulation Period
1 hour
8.2.2 Detailed Design Procedure
8.2.2.1 Configure the Device
The first step to program the INA700 is to properly set the device and ADC configuration registers. On initial
power up, the CONFIG and ADC_CONFIG registers are set to the reset values as shown in Table 7-5 and
Table 7-6. In this default power-on state, the device is set with the ADC continuously converting the temperature,
current, and bus voltage. If the default power-up conditions do not meet the design requirements, these registers
must be set properly after each VS power cycle event.
8.2.2.2 Set Desired Fault Thresholds
Fault thresholds are set by programming the desired trip threshold into the corresponding fault register. Table 7-1
shows the list of supported fault registers.
www.ti.com
INA700
SBOSAB4A – MAY 2023 – REVISED SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
35
Product Folder Links: INA700



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com