Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA700 Datasheet(PDF) 21 Page - Texas Instruments

Part # INA700
Description  INA700 40 V, 16-Bit, I2C Output Digital Power Monitor in WCSP with 2 mΩ EZShunt™ Technology
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA700 Datasheet(HTML) 21 Page - Texas Instruments

Back Button INA700 Datasheet HTML 17Page - Texas Instruments INA700 Datasheet HTML 18Page - Texas Instruments INA700 Datasheet HTML 19Page - Texas Instruments INA700 Datasheet HTML 20Page - Texas Instruments INA700 Datasheet HTML 21Page - Texas Instruments INA700 Datasheet HTML 22Page - Texas Instruments INA700 Datasheet HTML 23Page - Texas Instruments INA700 Datasheet HTML 24Page - Texas Instruments INA700 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
7.5 Programming
7.5.1 I2C Serial Interface
The INA700 operates only as a secondary device on both the SMBus and I2C interfaces. Connections to the
bus are made through the open-drain SDA and SCL lines. The SDA and SCL pins feature integrated spike
suppression filters and Schmitt triggers to minimize the effects of input spikes and bus noise. Although the
device integrates spike suppression into the digital I/O lines, proper layout techniques help minimize the amount
of coupling into the communication lines. This noise introduction occurs from capacitive coupling signal edges
between the two communication lines themselves or from other switching noise sources present in the system.
Routing traces in parallel with ground in between layers on a printed circuit board (PCB) typically reduces the
effects of coupling between the communication lines. Shielded communication lines reduce the possibility of
incorrectly interpreting unintended noise coupling into the digital I/O lines as start or stop commands.
The INA700 supports the transmission protocol for fast mode (1 kHz to 400 kHz) and high-speed mode (1 kHz
to 2.94 MHz). All data bytes are transmitted most significant byte (MSB) first and follow the SMBus 3.0 transfer
protocol.
To communicate with the INA700, the main device must first address secondary devices through a secondary
device address byte. The secondary device address byte consists of seven address bits and a direction bit that
indicates whether the action is to be a read or write operation.
The device has a single address pin, A0. Table 7-2 lists the pin logic levels for each of the four possible
addresses. The device samples the state of the address pin on every bus communication. Establish the pin
states before any activity on the interface occurs.
Table 7-2. Address Pins and Secondary Device Addresses
A0
DEVICE ADDRESS
GND
1000100
VS
1000101
SDA
1000110
SCL
1000111
Note
When connecting the A0 pin to SDA to set the device address, an additional hold time of 100 ns is
needed on the MSB of the I2C address to ensure correct device addressing.
7.5.1.1 Writing to and Reading Through the I2C Serial Interface
Accessing a specific register on the INA700 is accomplished by writing the appropriate value to the register
pointer. See Register Maps for a complete list of registers and corresponding addresses. The value for the
register pointer (as shown in Figure 7-13) is the first byte transferred after the secondary device address byte
with the R/W bit low. Every write operation to the device requires a value for the register pointer.
Writing to a register begins with the first byte transmitted by the main device. This byte is the secondary
device address, with the R/W bit low. The device then acknowledges receipt of a valid address. The next
byte transmitted by the main device is the address of the register to be accessed. This register address value
updates the register pointer to the desired internal device register. The next two bytes are written to the register
addressed by the register pointer. The device acknowledges receipt of each data byte. The main device can end
data transfer by generating a start or stop condition.
When reading from the device, the last value stored in the register pointer by a write operation determines which
register is read during a read operation. To change the register pointer for a read operation, a new value must
be written to the register pointer. This write is accomplished by issuing a secondary device address byte with
the R/W bit low, followed by the register pointer byte. No additional data are required. The main device then
generates a start condition and sends the address byte for the secondary device with the R/W bit high to initiate
the read command. The next byte is transmitted by the secondary device and is the most significant byte of the
register indicated by the register pointer. This byte is followed by an Acknowledge from the main device; then
www.ti.com
INA700
SBOSAB4A – MAY 2023 – REVISED SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: INA700



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com