Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA700 Datasheet(PDF) 13 Page - Texas Instruments

Part # INA700
Description  INA700 40 V, 16-Bit, I2C Output Digital Power Monitor in WCSP with 2 mΩ EZShunt™ Technology
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA700 Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA700 Datasheet HTML 9Page - Texas Instruments INA700 Datasheet HTML 10Page - Texas Instruments INA700 Datasheet HTML 11Page - Texas Instruments INA700 Datasheet HTML 12Page - Texas Instruments INA700 Datasheet HTML 13Page - Texas Instruments INA700 Datasheet HTML 14Page - Texas Instruments INA700 Datasheet HTML 15Page - Texas Instruments INA700 Datasheet HTML 16Page - Texas Instruments INA700 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
Temperature ( C)
-50
-25
0
25
50
75
100
125
2
2.5
3
3.5
4
4.5
5
5.5
Figure 7-1. IN+ to IN– Package Resistance vs Temperature
The internal compensation of the INA700 corrects for pin-to-pin resistance increases with temperature, achieving
less than 50 ppm/°C drift over the ambient temperature range.
The INA700 is most accurate when measuring currents around 5 A. As currents increase the error in the current
measurement also increases. Figure 7-2 below shows how the gain error of the INA700 varies with the shunt
current.
Shunt Current (A)
0
2.5
5
7.5
10
12.5
15
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
Figure 7-2. Gain Error vs Shunt Current
The change in gain error is consistent enough from device to device that returned values can be scaled up or
down depending on the shunt current to give a more accurate result. For example, to achieve higher accuracy
when measuring currents around 7 A, the returned value can be scaled down by approximately 0.4%.
7.3.2 Safe Operating Area
The power dissipated in the device limits the maximum current that can be safely handled by the device. The
current consumed to power the device is low, therefore the primary source of heating is due to the current flow
through the internal shunt resistor. The maximum safe-operating current level shown in Figure 7-3 is set so that
the heat generated in the package is limited and the internal junction temperature of the silicon does not exceed
125°C. This data was collected on the evaluation module that uses a 2-layer board with 1-oz copper power
planes to the INA700 IN+ and IN– pins.
www.ti.com
INA700
SBOSAB4A – MAY 2023 – REVISED SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: INA700



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com