Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA700 Datasheet(PDF) 33 Page - Texas Instruments

Part # INA700
Description  INA700 40 V, 16-Bit, I2C Output Digital Power Monitor in WCSP with 2 mΩ EZShunt™ Technology
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA700 Datasheet(HTML) 33 Page - Texas Instruments

Back Button INA700 Datasheet HTML 29Page - Texas Instruments INA700 Datasheet HTML 30Page - Texas Instruments INA700 Datasheet HTML 31Page - Texas Instruments INA700 Datasheet HTML 32Page - Texas Instruments INA700 Datasheet HTML 33Page - Texas Instruments INA700 Datasheet HTML 34Page - Texas Instruments INA700 Datasheet HTML 35Page - Texas Instruments INA700 Datasheet HTML 36Page - Texas Instruments INA700 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 50 page
background image
Table 8-2. INA700 Noise Performance
ADC CONVERSION TIME
PERIOD [µs]
OUTPUT SAMPLE AVERAGING
[SAMPLES]
OUTPUT SAMPLE PERIOD [ms]
NOISE-FREE ENOB
CURRENT MEASUREMENT
50
1
0.05
10.1
84
0.084
10.6
150
0.15
10.8
280
0.28
11.2
540
0.54
12
1052
1.052
12.5
2074
2.074
12.8
4120
4.12
13.3
50
4
0.2
11.0
84
0.336
11.6
150
0.6
11.8
280
1.12
12.5
540
2.16
12.9
1052
4.208
13.1
2074
8.296
14.1
4120
16.48
14.7
50
16
0.8
12.3
84
1.344
12.3
150
2.4
13.1
280
4.48
13.5
540
8.64
13.9
1052
16.832
14.7
2074
33.184
14.7
4120
65.92
15.2
50
64
3.2
13.4
84
5.376
13.4
150
9.6
13.9
280
17.92
14.4
540
34.56
14.7
1052
67.328
15.7
2074
132.736
15.7
4120
263.68
15.9
50
128
6.4
13.5
84
10.752
13.5
150
19.2
14.7
280
35.84
14.7
540
69.12
15.2
1052
134.656
15.7
2074
265.472
16
4120
527.36
16
www.ti.com
INA700
SBOSAB4A – MAY 2023 – REVISED SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
33
Product Folder Links: INA700



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com