Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA700 Datasheet(PDF) 36 Page - Texas Instruments

Part # INA700
Description  INA700 40 V, 16-Bit, I2C Output Digital Power Monitor in WCSP with 2 mΩ EZShunt™ Technology
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA700 Datasheet(HTML) 36 Page - Texas Instruments

Back Button INA700 Datasheet HTML 32Page - Texas Instruments INA700 Datasheet HTML 33Page - Texas Instruments INA700 Datasheet HTML 34Page - Texas Instruments INA700 Datasheet HTML 35Page - Texas Instruments INA700 Datasheet HTML 36Page - Texas Instruments INA700 Datasheet HTML 37Page - Texas Instruments INA700 Datasheet HTML 38Page - Texas Instruments INA700 Datasheet HTML 39Page - Texas Instruments INA700 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 50 page
background image
An overcurrent threshold is set by programming the Current Over-Limit Threshold register (COL). The value that
must be programmed into this register is calculated by dividing the overcurrent limit value by the current LSB
size. For this example, the target value for the COL register is 9 A ÷ 480 μA = 18750d (493Eh).
An overvoltage fault threshold on the bus voltage is set by programming the bus overvoltage limit register
(BOVL). In this example the desired overvoltage threshold is 14 V. The value that must be programmed into this
register is calculated by dividing the target threshold voltage by the bus voltage fault limit LSB value of 3.125 mV.
For this example, the target value for the BOVL register is 14 V ÷ 3.125 mV = 4480d (1180h).
When setting the power over-limit value, the LSB size used to calculate the value needed in the limit registers
will be 256 times greater than the power LSB. This is because the power register is a 24 bits in length while the
power fault limit register is 16 bits. The LSB value to use for setting the over-power fault limit is 24.576 mW.
Values stored in the alert limit registers are set to the default values after VS power cycle events and must be
reprogrammed each time power is applied.
8.2.2.3 Calculate Returned Values
Parametric values are calculated by multiplying the returned value by the LSB value. Table 8-4 shows the
returned values for this application example, assuming the design requirements shown in Table 8-3.
Table 8-4. Calculating Returned Values
PARAMETER
RETURNED VALUE
LSB VALUE
CALCULATED VALUE
Current (A)
10417d
480 µA
5.00016 A
Bus voltage (V)
3840d
3.125 mV
12 V
Power (W)
625020d
96 µW
60.00192 W
Energy (J)
140629500d
1.536 mJ
216.007 kJ
Charge (C)
3750120d
30 µC
18000.576 C
Temperature (°C)
320d
125 mºC
40°C
Current, Bus Voltage (positive only), Charge, and Temperature return values in 2's-complement format. In
2's-complement format a negative value in binary is represented by having a 1 in the most significant bit of the
returned value. These values can be converted to decimal by first inverting all the bits and adding 1 to obtain the
unsigned binary value. This value can then be converted to decimal with the negative sign applied. For example,
assume a current reading returns 1011 0100 0001 0000. This is a negative value due to the MSB having a
value of one. Inverting the bits and adding one results in 0100 1011 1111 0000 (19440d) which from the current
value example in Table 8-4 correlates to a current of 9.3312 A. The returned value was negative, therefore the
measured current value is –9.3312 A.
INA700
SBOSAB4A – MAY 2023 – REVISED SEPTEMBER 2023
www.ti.com
36
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: INA700



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com