Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA700 Datasheet(PDF) 32 Page - Texas Instruments

Part # INA700
Description  INA700 40 V, 16-Bit, I2C Output Digital Power Monitor in WCSP with 2 mΩ EZShunt™ Technology
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA700 Datasheet(HTML) 32 Page - Texas Instruments

Back Button INA700 Datasheet HTML 28Page - Texas Instruments INA700 Datasheet HTML 29Page - Texas Instruments INA700 Datasheet HTML 30Page - Texas Instruments INA700 Datasheet HTML 31Page - Texas Instruments INA700 Datasheet HTML 32Page - Texas Instruments INA700 Datasheet HTML 33Page - Texas Instruments INA700 Datasheet HTML 34Page - Texas Instruments INA700 Datasheet HTML 35Page - Texas Instruments INA700 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 50 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
8.1.1 Device Measurement Range and Resolution
Table 8-1 shows the full scale voltage on shunt, bus, and temperature measurements, along with their
associated step size.
Table 8-1. Register Full Scale Values and Resolution
PARAMETER
REGISTER ADDRESS
SIZE
FULL SCALE VALUE
RESOLUTION
Current
7h
16 bit, signed
±15.728
480 µA/LSB
Bus voltage
5h
16 bit, signed, always
positive
0 V to 40 V
3.125 mV/LSB
Die Temperature
6h
12 bit, signed
–40°C to +150°C
125 m°C/LSB
Power
8h
24 bit, unsigned
1.6106 kW
96 µW/LSB
Energy
9h
40 bit, unsigned
1688.85 MJ
1.536 mJ/LSB
Charge
Ah
40 bit, signed
16.493 MC
30 µC/LSB
The internal die temperature sensor range extends from –256°C to +256°C but is limited by the junction
temperature range of –40°C to 125°C. Likewise, the bus voltage measurement range extends up to 102.4 V but
is limited by silicon to 40 V.
Current, bus voltage, temperature, power, energy, and charge measurements can be read through their
corresponding address registers. Values are calculated by multiplying the returned value by the corresponding
LSB size.
Signed values are represented in two's compliment format.
Upon overflow, the ENERGY register will roll over and start from zero. This register value can also be reset at
any time by setting the RSTACC bit in the CONFIG register.
An overflow event in the CHARGE register is indicated by the CHARGEOF bit. If an overflow condition occurs,
the CHARGE register must be manually reset by setting the RSTACC bit in the CONFIG register.
See Detailed Design Procedure for a design example using these equations.
8.1.2 ADC Output Data Rate and Noise Performance
The INA700 noise performance and effective resolution depend on the ADC conversion time. The device
also supports digital averaging which can further help decrease digital noise. The flexibility of the device to
select ADC conversion time and data averaging offers increased signal-to-noise ratio and achieves the highest
dynamic range with lowest offset. The profile of the noise at lower signals levels is dominated by the system
noise that is comprised mainly of 1/f noise or white noise. The INA700 effective resolution of the ADC can be
increased by increasing the conversion time and increasing the number of averages.
Table 8-2 shows the output data rate conversion settings supported by the device. The fastest conversion setting
is 50 µs. Typical noise-free resolution is represented as Effective Number of Bits (ENOB) based on device
measured data. The ENOB is calculated based on noise peak-to-peak values, which takes full noise distribution
into consideration. The conversion time for the temperature measurement is set to the power-on default value.
INA700
SBOSAB4A – MAY 2023 – REVISED SEPTEMBER 2023
www.ti.com
32
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: INA700



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com