Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA700 Datasheet(PDF) 16 Page - Texas Instruments

Part # INA700
Description  INA700 40 V, 16-Bit, I2C Output Digital Power Monitor in WCSP with 2 mΩ EZShunt™ Technology
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA700 Datasheet(HTML) 16 Page - Texas Instruments

Back Button INA700 Datasheet HTML 12Page - Texas Instruments INA700 Datasheet HTML 13Page - Texas Instruments INA700 Datasheet HTML 14Page - Texas Instruments INA700 Datasheet HTML 15Page - Texas Instruments INA700 Datasheet HTML 16Page - Texas Instruments INA700 Datasheet HTML 17Page - Texas Instruments INA700 Datasheet HTML 18Page - Texas Instruments INA700 Datasheet HTML 19Page - Texas Instruments INA700 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 50 page
background image
the ADC inputs as shown in Figure 7-5. The ADC architecture enables lower drift measurement across
temperature and consistent offset measurements across the common-mode voltage, temperature, and power
supply variations. A low-offset ADC is preferred in current sensing applications to provide a near 0-V offset
voltage that maximizes the useful dynamic range of the system.
The INA700 measures the die temperature, current, and bus voltage. An internal temperature measurement is
made before each current measurement. Temperature compensation is then applied to the current measurement
to achieve low drift performance. The MODE bits in the ADC_CONFIG register permit selecting modes to
convert only the current or bus voltage to allow the user to configure the monitoring function to fit the specific
application requirements. After an ADC conversion is complete, the converted values independently update in
their corresponding registers where they can be read through the digital interface at the time of conversion end
if no averaging is selected. The conversion time for shunt voltage, bus voltage, and temperature inputs are set
independently from 50 µs to 4.12 ms depending on the values programmed in the ADC_CONFIG register. The
value for current is calculated after both the temperature and shunt voltage measurements are made. The total
time to get the current measurement is the sum of the conversion times for these two parameters. Enabled
measurement inputs are converted sequentially, which means the total time to convert all inputs depends on
the conversion time for each input and the number of inputs enabled. When averaging is used, the intermediate
values are subsequently stored in an averaging accumulator, and the conversion sequence repeats until the
number of averages is reached. After all of the averaging is complete, the final values are updated in the
corresponding registers that can then be read. These values remain in the data output registers until they are
replaced by the next fully completed conversion results. In this case, reading the data output registers does not
affect a conversion in progress.
The ADC has two conversion modes—continuous and triggered—set by the MODE bits in the ADC_CONFIG
register. In continuous-conversion mode, the ADC will continuously convert the input measurements and update
the output registers as described above in an indefinite loop. In triggered-conversion mode, the ADC will convert
the input measurements as described above, after which the ADC will go into shutdown mode until the user
writes to the MODE bits to generate another single-shot trigger. Writing the MODE bits will interrupt and restart
triggered or continuous conversions that are in progress. Although the device can be read at any time, and
the data from the last conversion remains available, the Conversion Ready flag (CNVRF bit in ALERT_DIAG
register) is provided to help coordinate triggered conversions. This bit is set after all conversions and averaging
are complete.
The Conversion Ready flag (CNVRF) clears under these conditions:
• Writing to the ADC_CONFIG register (except for selecting shutdown mode); or
• Reading the ALERT_DIAG Register
While the INA700 device is used in either one of the conversion modes, a dedicated digital engine is calculating
the current, power, charge and energy values in the background (see Internal Measurement and Calculation
Engine). In triggered mode, the accumulation registers (ENERGY and CHARGE) are invalid, as the device does
not keep track of elapsed time. For applications that require critical measurements in regards to accumulation of
time for energy and charge measurements, the device must be configured to use continuous conversion mode,
as the accumulated results are continuously updated and can provide true system representation of charge and
energy consumption in a system. All of the calculations are performed in the background and do not contribute to
conversion time.
For applications that must synchronize with other components in the system, the INA700 conversion can be
delayed by programming the CONVDLY bits in CONFIG register in the range between 0 ms (no delay) and 510
ms. The resolution in programming the conversion delay is 2 ms. The conversion delay is set to 0 by default.
Conversion delay can assist in measurement synchronization when multiple external devices are used for
voltage or current monitoring purposes. In applications where time aligned voltage and current measurements
are needed, two devices can be used with the current measurement delayed such that the external voltage and
current measurements will occur at approximately the same time. Keep in mind that even though the internal
time base for the ADC is precise, synchronization will be lost over time due to internal and external time base
mismatch.
INA700
SBOSAB4A – MAY 2023 – REVISED SEPTEMBER 2023
www.ti.com
16
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: INA700



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com