Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA700 Datasheet(PDF) 14 Page - Texas Instruments

Part # INA700
Description  INA700 40 V, 16-Bit, I2C Output Digital Power Monitor in WCSP with 2 mΩ EZShunt™ Technology
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA700 Datasheet(HTML) 14 Page - Texas Instruments

Back Button INA700 Datasheet HTML 10Page - Texas Instruments INA700 Datasheet HTML 11Page - Texas Instruments INA700 Datasheet HTML 12Page - Texas Instruments INA700 Datasheet HTML 13Page - Texas Instruments INA700 Datasheet HTML 14Page - Texas Instruments INA700 Datasheet HTML 15Page - Texas Instruments INA700 Datasheet HTML 16Page - Texas Instruments INA700 Datasheet HTML 17Page - Texas Instruments INA700 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 50 page
background image
Figure 7-3. Maximum Shunt Current vs Temperature
CAUTION
The INA700 has a maximum junction of 125°C which must not be exceeded. Operation above 125°C
can result in permanent damage to the device.
The current measurement capability is limited by ADC full scale range of 15.728 A, even though the shunt can
withstand pulse currents greater than 15 A.
In applications with overcurrent transients, the peak amplitude and duration of the overcurrent event is important
to determine the device heating. Figure 7-4 shows the peak pulse current versus pulse duration that the device
can withstand before the maximum junction temperature of 125°C is exceeded. The data shown in this curve
was collected at TA = 25°C, using the INA700 evaluation module.
Figure 7-4. Maximum Pulse Current vs Pulse Duration (Single Event)
7.3.3 Versatile Measurement Capability
While the INA700 operates from a 2.7-V to 5.5-V supply, the device can measure voltage and current on rails as
high as 40 V. The current is measured by sensing the voltage drop across an internal shunt resistor positioned
between the IN+ and IN– pins. The input stage of the INA700 is designed such that the input common-mode
voltage can be higher than the device supply voltage, VS. The supported common-mode voltage range of –0.3
V to +40 V at the input pins is designed for both high-side and low-side current measurements. There are no
special considerations for power-supply sequencing because the common-mode input range and device supply
voltage are independent of each other; therefore, the bus voltage can be present with the supply voltage off, and
vice-versa without damaging the device.
The device also measures the bus supply voltage through the IN– pin and temperature through the integrated
temperature sensor. The differential shunt voltage is measured between the IN+ and IN– pins, while the bus
INA700
SBOSAB4A – MAY 2023 – REVISED SEPTEMBER 2023
www.ti.com
14
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: INA700



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com