Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA700 Datasheet(PDF) 15 Page - Texas Instruments

Part # INA700
Description  INA700 40 V, 16-Bit, I2C Output Digital Power Monitor in WCSP with 2 mΩ EZShunt™ Technology
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA700 Datasheet(HTML) 15 Page - Texas Instruments

Back Button INA700 Datasheet HTML 11Page - Texas Instruments INA700 Datasheet HTML 12Page - Texas Instruments INA700 Datasheet HTML 13Page - Texas Instruments INA700 Datasheet HTML 14Page - Texas Instruments INA700 Datasheet HTML 15Page - Texas Instruments INA700 Datasheet HTML 16Page - Texas Instruments INA700 Datasheet HTML 17Page - Texas Instruments INA700 Datasheet HTML 18Page - Texas Instruments INA700 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 50 page
background image
voltage is measured with respect to device ground. Monitored bus voltages can range from 0 V to 40 V, while
monitored temperatures can range from –40°C to +125°C.
Shunt voltage, bus voltage, and temperature measurements are multiplexed internally to a single ADC as shown
in Figure 7-5.
IN+
IN-
VBUS
MUX digital
Control
Bus Voltage
Shunt Voltage
Temperature
ADC_IN+
ADC_IN-
To ADC Input
Integrated
Shunt Resistor
TEMP
Temperature
Sensor
Figure 7-5. High-Voltage Input Multiplexer
7.3.4 Internal Measurement and Calculation Engine
The current and charge are calculated after temperature and shunt voltage measurements, while the power and
energy are calculated after a bus voltage measurement. Power and energy are calculated based on the previous
current calculation and the latest bus voltage measurement.
The current, voltage, and temperature values are immediate results when the number of averages is set to one
(see Figure 7-6). However, when averaging is used, each ADC measurement is an intermediate result that is
stored in the corresponding averaging registers. Following every ADC sample, the newly-calculated values for
current, voltage, and temperature are appended to their corresponding averaging registers until the set number
of averages is achieved. After all of the samples have been measured, the average current and voltage is
determined, then the power is calculated and the results are loaded to the corresponding output registers where
they can then be read.
The energy and charge values are accumulated for each conversion cycle. Therefore the INA700 averaging
function is not applied to these.
Calculations for power, charge and energy are performed in the background and do not add to the overall
conversion time.
i
v
T
i
v
i
v
i
v
i
v
i
p1
p2
p3
p4
p5
Q1 =
i1 x t1
Q.. =
i.. x t..
Q.. =
i.. x t..
Q.. =
i.. x t..
Q.. =
i.. x t..
E.. =
p.. x t..
E.. =
p.. x t..
E.. =
p.. x t..
E.. =
p.. x t..
E1 =
p1 x t2
Power register
Energy register
Charge register
T
T
T
T
ADC,
Temperature, Current,
Voltage
T
Figure 7-6. Power, Energy, and Charge Calculation Scheme
7.3.5 High-Precision Delta-Sigma ADC
The integrated ADC is a high-performance, low-offset, low-drift, delta-sigma ADC designed to support
bidirectional current flow. The measured inputs are selected through the high-voltage input multiplexer to
www.ti.com
INA700
SBOSAB4A – MAY 2023 – REVISED SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: INA700



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com