Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA700 Datasheet(PDF) 31 Page - Texas Instruments

Part # INA700
Description  INA700 40 V, 16-Bit, I2C Output Digital Power Monitor in WCSP with 2 mΩ EZShunt™ Technology
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA700 Datasheet(HTML) 31 Page - Texas Instruments

Back Button INA700 Datasheet HTML 27Page - Texas Instruments INA700 Datasheet HTML 28Page - Texas Instruments INA700 Datasheet HTML 29Page - Texas Instruments INA700 Datasheet HTML 30Page - Texas Instruments INA700 Datasheet HTML 31Page - Texas Instruments INA700 Datasheet HTML 32Page - Texas Instruments INA700 Datasheet HTML 33Page - Texas Instruments INA700 Datasheet HTML 34Page - Texas Instruments INA700 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 50 page
background image
7.6.1.14 Temperature Over-Limit Threshold (TEMP_LIMIT) Register (Address = 10h) [reset = 7FFFh]
The TEMP_LIMIT register is shown in Table 7-18.
Return to the Summary Table.
Table 7-18. TEMP_LIMIT Register Field Descriptions
Bit
Field
Type
Reset
Description
15-0
TOL
R/W
7FFFh
Sets the threshold for comparison of the value to detect
overtemperature measurements. 2's-complement value.
The value entered in this field compares directly against the value
from the DIETEMP register to determine if an overtemperature
condition exists. Conversion factor: 7.8125 m°C/LSB.
7.6.1.15 Power Over-Limit Threshold (PWR_LIMIT) Register (Address = 11h) [reset = FFFFh]
The PWR_LIMIT register is shown in Table 7-19.
Return to the Summary Table.
Table 7-19. PWR_LIMIT Register Field Descriptions
Bit
Field
Type
Reset
Description
15-0
POL
R/W
FFFFh
Sets the threshold for comparison of the value to detect power over-
limit measurements. Unsigned representation, positive value only.
The value entered in this field compares directly against the value
from the POWER register to determine if an over power condition
exists. Conversion factor: 24.576 mW/LSB.
7.6.1.16 Manufacturer ID (MANUFACTURER_ID) Register (Address = 3Eh) [reset = 5449h]
The MANUFACTURER_ID register is shown in Table 7-20.
Return to the Summary Table.
Table 7-20. MANUFACTURER_ID Register Field Descriptions
Bit
Field
Type
Reset
Description
15-0
MANFID
R
5449h
Reads back TI in ASCII.
www.ti.com
INA700
SBOSAB4A – MAY 2023 – REVISED SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: INA700



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com