Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX6221 Datasheet (PDF) - Texas Instruments

TMUX6221 Datasheet PDF - Texas Instruments
Part # TMUX6221
Download  TMUX6221 Download
File Size   1336.35 Kbytes
Page   35 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TMUX622x 36 V, Low-RON, 1:1 (SPST), 2-Channel Switches with 1.8-V Logic

TMUX6221 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMUX6221 Datasheet PDF - Texas Instruments

Part # TMUX6221
Download  TMUX6221 Click to download

File Size   1336.35 Kbytes
Page   35 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TMUX622x 36 V, Low-RON, 1:1 (SPST), 2-Channel Switches with 1.8-V Logic

TMUX6221 Datasheet (HTML) - Texas Instruments


TMUX6221 Product details

1 Features
• Dual supply range: ±4.5 V to ±18 V
• Single supply range: 4.5 V to 36 V
• Low on-resistance: 2.1 Ω
• –40°C to +125°C operating temperature
• 1.8 V logic compatible
• Integrated pull-down resistor on logic pins
• Fail-safe logic
• Rail-to-rail operation
• Bidirectional operation

2 Applications
• Wired networking
• Remote radio units
• Patient monitoring and diagnostics
• Ultrasound scanners
• Optical test equipment
• Optical networking
• Factory automation and industrial controls
• Programmable logic controllers (PLC)
• Analog input modules
• AC charging (pile) station
• Semiconductor test
• Data acquisition systems
• Gas meters
• Flow transmitters

3 Description
The TMUX622x are complementary metal-oxide
semiconductor (CMOS) switch in a dual channel, 1:1
(SPST) configuration. The device works with a single
supply (4.5 V to 36 V), dual supplies (±4.5 V to ±18
V), or asymmetric supplies (such as VDD = 12 V, VSS
= –5 V). The TMUX622x supports bidirectional analog
and digital signals on the source (Sx) and drain (D)
pins ranging from VSS to VDD.
The TMUX622x can be enabled or disabled by
controlling the SEL pins, turning on signal path 1 (S1
to D1) or signal path 2 (S2 to D2). All logic control
inputs support logic levels from 1.8 V to VDD, allowing
for both TTL and CMOS logic compatibility when
operating in the valid supply voltage range. Fail-Safe
Logic circuitry allows voltages on the control pins to
be applied before the supply pin, protecting the device
from potential damage.
The TMUX622x is part of the precision switches and
multiplexers family of devices. These devices have
very low on and off leakage currents, 50 pA, allowing
them to be used in high precision measurement
applications.




Similar Part No. - TMUX6221

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX6221 TI-TMUX6221 Datasheet
1Mb / 36P
TMUX622x 36 V, Low-RON, 1:1 (SPST), 2-Channel Switches with 1.8-V Logic
MARCH 2023
More results


Similar Description - TMUX6221

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX6219 TI-TMUX6219 Datasheet
750Kb / 20P
TMUX6219 36-V, Low Ron, 2:1 (SPDT) Switch with 1.8-V Logic
TMUX6211 TI-TMUX6211 Datasheet
909Kb / 26P
TMUX621x 36-V, Low-Ron, 1:1 (SPST), 4-Channel Precision Switches with 1.8-V Logic
TMUX6234 TI-TMUX6234 Datasheet
1Mb / 36P
TMUX6234 36 V, Low Ron, 2:1, 4 Channel Precision Switches with 1.8 V Logic
AUGUST 2021
TMUX6219 TI-TMUX6219_V01 Datasheet
1Mb / 43P
TMUX6219 36-V, Low Ron, 2:1 (SPDT) Switch with 1.8-V Logic
REVISED AUGUST 2022
TMUX6219 TI-TMUX6219_V02 Datasheet
2Mb / 46P
TMUX6219 36-V, Low Ron, 2:1 (SPDT) Switch with 1.8-V Logic
REVISED AUGUST 2022
TMUX6234 TI1-TMUX6234_V01 Datasheet
1Mb / 42P
TMUX6234 36 V, Low Ron, 2:1, 4 Channel Precision Switches with 1.8 V Logic
REVISED DECEMBER 2022
TMUX6201 TI-TMUX6201 Datasheet
1Mb / 41P
TMUX620x 36 V, Low-RON, 1:1 (SPST), 1-Channel Precision Switch With 1.8-V Logic
REVISED MARCH 2023
TMUX6221 TI-TMUX6221 Datasheet
1Mb / 36P
TMUX622x 36 V, Low-RON, 1:1 (SPST), 2-Channel Switches with 1.8-V Logic
MARCH 2023
TMUX7612 TI1-TMUX7612 Datasheet
1Mb / 34P
TMUX7612 50 V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with 1.8-V Logic
AUGUST 2023
TMUX7612 TI-TMUX7612_V01 Datasheet
1Mb / 38P
TMUX7612 50 V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with 1.8-V Logic
AUGUST 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com