Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UP6182 Datasheet (PDF) - uPI Group Inc.

UP6182 Datasheet PDF - uPI Group Inc.
Part # UP6182
Download  UP6182 Download
File Size   987.72 Kbytes
Page   16 Pages
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.
Description Dual Synchronous Buck Controller with 5V/3.3V 100mA LDOs for Notebook System Power

UP6182 Datasheet (PDF)

Go To PDF Page Download Datasheet
UP6182 Datasheet PDF - uPI Group Inc.

Part # UP6182
Download  UP6182 Click to download

File Size   987.72 Kbytes
Page   16 Pages
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.
Description Dual Synchronous Buck Controller with 5V/3.3V 100mA LDOs for Notebook System Power

UP6182 Datasheet (HTML) - uPI Group Inc.


UP6182 Product details

- Wide Input Voltage Range: 5.5V to 26V
- Two Synchronous Buck Controllers
- Output Voltage Range: 2V to 5.5V
- Selectable Audio Mode in Light Load
- Internal 1.6ms Output Voltage Softstart
- Adaptive On Time Control Architecture
- 4500ppm/OC RDS(ON) Current Sensing
- 100mA 5V/3.3V LDO with Switches
- 1% 2V Reference Voltage Output
- Power Good Output
- OVP/UVP/OCP
- Thermal Shutdown
- VQFN4x4-24L
- RoHS Compliant and 100% Lead (Pb)-Free




Similar Part No. - UP6182

ManufacturerPart #DatasheetDescription
logo
uPI Group Inc.
UP6161 UPI-UP6161 Datasheet
500Kb / 15P
Single 12V Input Supply Dual Regulator - Synchronous-Buck-PWM and Linear-Regulator Controller
UP6161Q UPI-UP6161Q Datasheet
500Kb / 15P
Single 12V Input Supply Dual Regulator - Synchronous-Buck-PWM and Linear-Regulator Controller
UP6161S14 UPI-UP6161S14 Datasheet
500Kb / 15P
Single 12V Input Supply Dual Regulator - Synchronous-Buck-PWM and Linear-Regulator Controller
UP6163 UPI-UP6163 Datasheet
500Kb / 15P
Single 12V Input Supply Dual Regulator - Synchronous-Buck-PWM and Linear-Regulator Controller
More results


Similar Description - UP6182

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5215 ONSEMI-NCP5215 Datasheet
2Mb / 21P
Dual Synchronous Buck Controller for Notebook Power System
October, 2008 ??Rev. 5
NCP5222 ONSEMI-NCP5222 Datasheet
3Mb / 28P
High Performance Dual-Channel / Two-Phase Synchronous Buck Controller for Notebook Power System
February, 2010 ??Rev. 0
logo
Richtek Technology Corp...
RT6545A RICHTEK-RT6545A Datasheet
260Kb / 21P
Dual-Channel Synchronous DC/DC Step-Down Controller with 5V/3.3V LDOs
RT6576E RICHTEK-RT6576E Datasheet
219Kb / 20P
Dual-Channel Synchronous DC/DC Step-Down Controller with 5V/3.3V LDOs
RT8249D RICHTEK-RT8249D Datasheet
252Kb / 21P
Dual-Channel Synchronous DC/DC Step-Down Controller with 5V/3.3V LDOs
logo
uPI Group Inc.
UP1590 UPI-UP1590 Datasheet
316Kb / 18P
Dual Synchronous Buck Controller with 5V/3.3V 100mA LDOs for Notebook System Power
logo
Richtek Technology Corp...
RT8249A RICHTEK-RT8249A Datasheet
295Kb / 23P
Dual-Channel Synchronous DC/DC Step-Down Controller with 5V/3.3V LDOs
June 2014
RT6575C RICHTEK-RT6575C Datasheet
282Kb / 22P
Dual-Channel Synchronous DC-DC Step-Down Controller with 5V/3.3V LDOs
November 2020
RT6575A RICHTEK-RT6575A Datasheet
275Kb / 22P
Dual-Channel Synchronous DC-DC Step-Down Controller with 5V/3.3V LDOs
March 2022
RT6585A RICHTEK-RT6585A Datasheet
273Kb / 22P
Dual-Channel Synchronous DC/DC Step-Down Controller with 5V/3.3V LDOs
April 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com