Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UP6161Q Datasheet (PDF) - uPI Group Inc.

UP6161Q Datasheet PDF - uPI Group Inc.
Part # UP6161Q
Download  UP6161Q Download
File Size   500.75 Kbytes
Page   15 Pages
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.
Description Single 12V Input Supply Dual Regulator - Synchronous-Buck-PWM and Linear-Regulator Controller

UP6161Q Datasheet (PDF)

Go To PDF Page Download Datasheet
UP6161Q Datasheet PDF - uPI Group Inc.

Part # UP6161Q
Download  UP6161Q Click to download

File Size   500.75 Kbytes
Page   15 Pages
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.
Description Single 12V Input Supply Dual Regulator - Synchronous-Buck-PWM and Linear-Regulator Controller

UP6161Q Datasheet (HTML) - uPI Group Inc.


UP6161Q Product details

Features
Operate with Single 12V Supply
Self-Regulated 9V Drive Voltage
Integrated Boot Diode
Provide Two Regulated Voltages
One Synchronous-Rectified Buck Controller
One Linear Controller
Both Controllers Drive N-Channel MOSFETs
Smaller Converter Size
Excellent Output Voltage Regulation
1.5% for Buck Controller
2% for Linear Controller
Simple Single-Loop Control Design
Voltage-Mode PWM Control
Fast Transient Response
High-Bandwidth Error Amplifier
Lossless, Programmable Overcurrent Protection
Uses Lower MOSFET RDS(ON)
Adjustable Frequency from 150kHz to 1MHz
Internal Soft Start for Both Outputs
Under Voltage Protection for Both Outputs
including Soft Start Cycle
SOP-14 and QFN3x3-16 packages
RoHS Compliant and 100% Lead Free




Similar Part No. - UP6161Q

ManufacturerPart #DatasheetDescription
logo
uPI Group Inc.
UP6182 UPI-UP6182 Datasheet
987Kb / 16P
Dual Synchronous Buck Controller with 5V/3.3V 100mA LDOs for Notebook System Power
UP6182A UPI-UP6182A Datasheet
987Kb / 16P
Dual Synchronous Buck Controller with 5V/3.3V 100mA LDOs for Notebook System Power
UP6182AG UPI-UP6182AG Datasheet
987Kb / 16P
Dual Synchronous Buck Controller with 5V/3.3V 100mA LDOs for Notebook System Power
UP6182AQ UPI-UP6182AQ Datasheet
987Kb / 16P
Dual Synchronous Buck Controller with 5V/3.3V 100mA LDOs for Notebook System Power
UP6182AQAG UPI-UP6182AQAG Datasheet
987Kb / 16P
Dual Synchronous Buck Controller with 5V/3.3V 100mA LDOs for Notebook System Power
More results


Similar Description - UP6161Q

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6528 INTERSIL-ISL6528 Datasheet
390Kb / 13P
Dual Regulator - Standard Buck PWM and Linear Power Controller
December 28, 2004
ISL6528 INTERSIL-ISL6528_06 Datasheet
367Kb / 13P
Dual Regulator - Standard Buck PWM and Linear Power Controller
March 9, 2006
ISL6549 INTERSIL-ISL6549 Datasheet
438Kb / 18P
Single 12V Input Supply Dual Regulator Synchronous Rectified Buck PWM and Linear Power Controller
September 22, 2006
logo
Richtek Technology Corp...
RT9218B RICHTEK-RT9218B Datasheet
389Kb / 17P
12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9259 RICHTEK-RT9259 Datasheet
303Kb / 15P
12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9259C RICHTEK-RT9259C Datasheet
303Kb / 15P
12V Synchronous Buck PWM DC-DC and Linear Power Controller
logo
Microsemi Corporation
NX2307 MICROSEMI-NX2307 Datasheet
791Kb / 22P
SINGLE SUPPLY 12V SYNCHRONOUS PWM CONTROLLER
logo
Anpec Electronics Corop...
APW8816 ANPEC-APW8816 Datasheet
565Kb / 26P
Single Buck PWM Controller With Linear Regulator
logo
Renesas Technology Corp
ISL6528 RENESAS-ISL6528 Datasheet
742Kb / 13P
Dual Regulator - Standard Buck PWM and Linear Power Controller
ISL6549 RENESAS-ISL6549 Datasheet
854Kb / 18P
Single 12V Input Supply Dual Regulator ?봖ynchronous Rectified Buck PWM and Linear Power Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com