Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9259 Datasheet (PDF) - Richtek Technology Corporation

RT9259 Datasheet PDF - Richtek Technology Corporation
Part # RT9259
Download  RT9259 Download
File Size   303.83 Kbytes
Page   15 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 12V Synchronous Buck PWM DC-DC and Linear Power Controller

RT9259 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9259 Datasheet PDF - Richtek Technology Corporation

Part # RT9259
Download  RT9259 Click to download

File Size   303.83 Kbytes
Page   15 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 12V Synchronous Buck PWM DC-DC and Linear Power Controller

RT9259 Datasheet (HTML) - Richtek Technology Corporation


RT9259 Product details

General Description

The RT9259 is a dual-channel DC/DC controller specifically designed to deliver high quality power where 12V power source is available. This part consists of a synchronous buck controller and an LDO controller. The synchronous buck controller integrates MOSFET drivers that support 12V+12V bootstrapped voltage for high efficiency power conversion. The bootstrap diode is built-in to simplify the circuit design and minimize external part count. The LDO controller drives an external N-MOSFET for lower power requirement.



Features

Single 12V Bias Supply

Support Dual Channel Power Conversion

  One Synchronous Rectified Buck PWM Controller

  One Linear Controller

Both Controllers Drive Low Cost N-MOSFETs

Adjustable Frequency from 150kHz to 1MHz and Free-Run Frequency at 230kHz

Small External Component Count

Output Voltage Regulation

  PWM Controller : ±1% Accuracy

  LDO Controller : ±2% Accuracy

Two Internal VREFPower Support Lower to 0.8V

Adjustable External Compensation

Linear Controller Drives N-MOSFET Pass Transistor

Fully-Adjustable Outputs

Under Voltage Protection for Both Outputs

Over Current Fault Monitor on MOSFET; No Current Sense Resistor is Required.

RoHS Compliant and 100% Lead (Pb)-Free



Applications

Graphic Card GPU, Memory Core Power

Graphic Card Interface Power

Motherboard, Desktop and Servers Chipset and Memory  Core Power

IA Equipments

Telecomm Equipments

High Power DC-DC Regulators




Similar Part No. - RT9259

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9259A RICHTEK-RT9259A Datasheet
243Kb / 14P
12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9259AGS RICHTEK-RT9259AGS Datasheet
243Kb / 14P
12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9259APS RICHTEK-RT9259APS Datasheet
243Kb / 14P
12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9259C RICHTEK-RT9259C Datasheet
303Kb / 15P
12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9259CGA RICHTEK-RT9259CGA Datasheet
303Kb / 15P
12V Synchronous Buck PWM DC-DC and Linear Power Controller
More results


Similar Description - RT9259

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9214 RICHTEK-RT9214 Datasheet
345Kb / 17P
5V/12V Synchronous Buck PWM DC-DC Controller
RT9218 RICHTEK-RT9218 Datasheet
403Kb / 18P
5V/12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9218B RICHTEK-RT9218B Datasheet
389Kb / 17P
12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9259A RICHTEK-RT9259A Datasheet
243Kb / 14P
12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9259C RICHTEK-RT9259C Datasheet
303Kb / 15P
12V Synchronous Buck PWM DC-DC and Linear Power Controller
logo
Monolithic Power System...
MP2910 MPS-MP2910 Datasheet
742Kb / 15P
Synchronous Buck PWM DC-DC and Linear Power Controller
logo
Unisonic Technologies
USR1101 UTC-USR1101 Datasheet
152Kb / 6P
5V/12V SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
USR1101 UTC-USR1101_15 Datasheet
170Kb / 5P
5V/12V SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
logo
Monolithic Power System...
EV2910ES-00A MPS-EV2910ES-00A Datasheet
348Kb / 5P
5V/12V Synchronous Buck PWM DC/DC and Linear Power Controller EV Board
logo
Richtek Technology Corp...
RT8105 RICHTEK-RT8105 Datasheet
216Kb / 12P
5V/12V Synchronous Buck PWM DC/DC Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com