Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9218 Datasheet (PDF) - Richtek Technology Corporation

RT9218 Datasheet PDF - Richtek Technology Corporation
Part # RT9218
Download  RT9218 Download
File Size   403.82 Kbytes
Page   18 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 5V/12V Synchronous Buck PWM DC-DC and Linear Power Controller

RT9218 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9218 Datasheet PDF - Richtek Technology Corporation

Part # RT9218
Download  RT9218 Click to download

File Size   403.82 Kbytes
Page   18 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 5V/12V Synchronous Buck PWM DC-DC and Linear Power Controller

RT9218 Datasheet (HTML) - Richtek Technology Corporation


RT9218 Product details

General Description

The RT9218 is a dual output with one synchronous buck PWM and one linear controller. The part is proposed to generate logic-supply voltages for PC based systems. The high-performance device includes internal soft-start, frequency-compensation networks, power good signaling with specific sequence, and it comes all of the logic control, output adjustment, power monitoring and protection

functions into a small footprint package.



Features

Operating with 5V or 12V Supply Voltage

Drives All Low Cost N-MOSFETs

Voltage Mode PWM Control

300kHz Fixed Frequency Oscillator

Fast Transient Response :

  High-Speed GM Amplifier

  Full 0 to 100% Duty Ration

Internal Soft-Start

Power Good Indicator

Adaptive Non-Overlapping Gate Driver

Over-Current Fault Monitor on MOSFET, No Current Sense Resistor Required

Specific power good indicator for Intel®Grantsdale FSB_VTT power sequence

RoHS Compliant and 100% Lead (Pb)-Free



Applications

Graphic Card

Motherboard, Desktop Servers

IA Equipments

Telecomm Equipments

High Power DC-DC Regulators




Similar Part No. - RT9218

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9218B RICHTEK-RT9218B Datasheet
389Kb / 17P
12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9218BGS RICHTEK-RT9218BGS Datasheet
389Kb / 17P
12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9218BPS RICHTEK-RT9218BPS Datasheet
389Kb / 17P
12V Synchronous Buck PWM DC-DC and Linear Power Controller
More results


Similar Description - RT9218

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9212 RICHTEK-RT9212 Datasheet
300Kb / 14P
Dual 5V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9214 RICHTEK-RT9214 Datasheet
345Kb / 17P
5V/12V Synchronous Buck PWM DC-DC Controller
RT9218B RICHTEK-RT9218B Datasheet
389Kb / 17P
12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9259 RICHTEK-RT9259 Datasheet
303Kb / 15P
12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9259A RICHTEK-RT9259A Datasheet
243Kb / 14P
12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9259C RICHTEK-RT9259C Datasheet
303Kb / 15P
12V Synchronous Buck PWM DC-DC and Linear Power Controller
logo
Unisonic Technologies
USR1101 UTC-USR1101 Datasheet
152Kb / 6P
5V/12V SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
USR1101 UTC-USR1101_15 Datasheet
170Kb / 5P
5V/12V SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
logo
Monolithic Power System...
EV2910ES-00A MPS-EV2910ES-00A Datasheet
348Kb / 5P
5V/12V Synchronous Buck PWM DC/DC and Linear Power Controller EV Board
logo
Richtek Technology Corp...
RT8105 RICHTEK-RT8105 Datasheet
216Kb / 12P
5V/12V Synchronous Buck PWM DC/DC Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com