Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA6662 Datasheet (PDF) - ATMEL Corporation

ATA6662 Datasheet PDF - ATMEL Corporation
Part # ATA6662
Download  ATA6662 Download
File Size   271.78 Kbytes
Page   16 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description LIN Transceiver

ATA6662 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATA6662 Datasheet PDF - ATMEL Corporation

Part # ATA6662
Download  ATA6662 Click to download

File Size   271.78 Kbytes
Page   16 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description LIN Transceiver

ATA6662 Datasheet (HTML) - ATMEL Corporation


ATA6662 Product details

Description

The ATA6662 is a fully integrated LIN transceiver complying with the LIN specification 2.0, 2.1 and SAEJ2602-2. It interfaces the LIN protocol handler and the physical layer. The device is designed to handle the low-speed data communication in vehicles, for example, in convenience electronics. Improved slope control at the LIN bus ensures secure data communication up to 20 Kbaud with an RC oscillator for protocol handling. Sleep Mode guarantees minimal current consumption. The ATA6662 has advanced EMI and ESD performance.



Features

• Operating Range from 5V to 27V

• Baud Rate up to 20 Kbaud

• Improved Slew Rate Control According to LIN Specification 2.0,2.1 and SAEJ2602-2

• Fully Compatible with 3.3V and 5V Devices

• Dominant Time-out Functionat Transmit Data (TXD)

• Normal and Sleep Mode

• Wake-up Capability via LIN Bus (90 µs Dominant)

• External Wake-up via WAKE Pin (35 µs Low Level)

• Control of External Voltage Regulator via INH Pin

• Very Low Standby Current During Sleep Mode (10 µA)

• Wake-up Source Recognition

• Bus Pin Short-circuit Protected versus GND and Battery

• LIN Input Current < 2 µA if VBATIs Disconnected

• Overtemperature Protection

• High EMC Level

• Interference and Damage Protection According to ISO/CD 7637

• Fulfills the OEM “Hardware Requirements for LIN in Automotive Applications Rev.1.0”




Similar Part No. - ATA6662

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6662 ATMEL-ATA6662 Datasheet
323Kb / 16P
LIN Transceiver
ATA6662 ATMEL-ATA6662 Datasheet
533Kb / 18P
LIN Transceiver
ATA6662 ATMEL-ATA6662 Datasheet
537Kb / 18P
Dominant Time-out Function at Transmit Data (TXD)
ATA6662-TAQY ATMEL-ATA6662-TAQY Datasheet
323Kb / 16P
LIN Transceiver
ATA6662-TAQY ATMEL-ATA6662-TAQY Datasheet
533Kb / 18P
LIN Transceiver
More results


Similar Description - ATA6662

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TJA1020 PHILIPS-TJA1020 Datasheet
105Kb / 24P
LIN transceiver
2002 Jul 17
logo
ATMEL Corporation
ATA6661 ATMEL-ATA6661 Datasheet
209Kb / 15P
LIN TRANSCEIVER
logo
ON Semiconductor
NCV7380 ONSEMI-NCV7380 Datasheet
92Kb / 14P
LIN Transceiver
May, 2004 ??Rev. P3
logo
Infineon Technologies A...
TLE7259G INFINEON-TLE7259G Datasheet
250Kb / 23P
LIN Transceiver
Rev. 1.3, Dec. 2004
logo
AMI SEMICONDUCTOR
AMIS-30600 AMI-AMIS-30600 Datasheet
501Kb / 11P
LIN Transceiver
logo
ATMEL Corporation
ATA6661 ATMEL-ATA6661_08 Datasheet
260Kb / 9P
LIN Transceiver
logo
ON Semiconductor
AMIS-30600 ONSEMI-AMIS-30600 Datasheet
207Kb / 11P
LIN Transceiver
February, 2010 ??Rev. 7
logo
ATMEL Corporation
ATA6663 ATMEL-ATA6663 Datasheet
723Kb / 20P
LIN Transceiver
logo
Infineon Technologies A...
TLE7259-2GU INFINEON-TLE7259-2GU Datasheet
514Kb / 31P
LIN Transceiver
Rev. 1.1, July 2008
logo
ATMEL Corporation
ATA6663 ATMEL-ATA6663_14 Datasheet
747Kb / 19P
LIN Transceiver
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com