Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB021A-RI Datasheet (PDF) - ATMEL Corporation

AT45DB021A-RI Datasheet PDF - ATMEL Corporation
Part # AT45DB021A-RI
Download  AT45DB021A-RI Download
File Size   395.24 Kbytes
Page   28 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 2-megabit 2.7-volt Only Serial DataFlash

AT45DB021A-RI Datasheet (PDF)

Go To PDF Page Download Datasheet
AT45DB021A-RI Datasheet PDF - ATMEL Corporation

Part # AT45DB021A-RI
Download  AT45DB021A-RI Click to download

File Size   395.24 Kbytes
Page   28 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 2-megabit 2.7-volt Only Serial DataFlash

AT45DB021A-RI Datasheet (HTML) - ATMEL Corporation


AT45DB021A-RI Product details

Description
The AT45DB021A is a 2.7-volt only, serial interface Flash memory suitable for in-system reprogramming. Its 2,162,688 bits of memory are organized as 1024 pages of 264 bytes each. In addition to the main memory, the AT45DB021A also contains two SRAM data buffers of 264 bytes each. The buffers allow receiving of data while a page in the main memory is being reprogrammed. Unlike conventional Flash memories that are accessed randomly with multiple address lines and a parallel interface, the DataFlash uses a serial interface to sequentially access its data.

Features
• 100% Compatible to AT45D021
• Single 2.7V - 3.6V Supply
• Serial Interface Architecture
• Page Program Operation
    – Single Cycle Reprogram (Erase and Program)
    – 1024 Pages (264 Bytes/Page) Main Memory
• Optional Page and Block Erase Operations
• Two 264-byte SRAM Data Buffers – Allows Receiving of Data while Reprogramming of Nonvolatile Memory
• Continuous Read Capability through Entire Array
• Internal Program and Control Timer
• Low Power Dissipation
    – 4 mA Active Read Current Typical
    – 2 µA CMOS Standby Current Typical
• 13 MHz Max Clock Frequency
• Hardware Data Protection Feature
• Serial Peripheral Interface (SPI) Compatible – Modes 0 and 3
• CMOS and TTL Compatible Inputs and Outputs
• Commercial and Industrial Temperature Ranges




Similar Part No. - AT45DB021A-RI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB021A ATMEL-AT45DB021A_14 Datasheet
421Kb / 28P
Optional Page and Block Erase Operations
More results


Similar Description - AT45DB021A-RI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB011 ATMEL-AT45DB011 Datasheet
150Kb / 19P
1-Megabit 2.7-volt Only Serial DataFlash
AT45DB021 ATMEL-AT45DB021 Datasheet
201Kb / 18P
2-Megabit 2.7-volt Only Serial DataFlash
AT45DB041 ATMEL-AT45DB041 Datasheet
209Kb / 18P
4-Megabit 2.7-volt Only Serial DataFlash
AT45DB081 ATMEL-AT45DB081 Datasheet
115Kb / 16P
8-Megabit 2.7-volt Only Serial DataFlash
AT45DB321 ATMEL-AT45DB321 Datasheet
154Kb / 20P
32-Megabit 2.7-volt Only Serial DataFlash
AT45DB021B ATMEL-AT45DB021B Datasheet
261Kb / 33P
2-megabit 2.7-volt Only DataFlash
AT45DB081A ATMEL-AT45DB081A Datasheet
412Kb / 28P
8-megabit 2.7-volt Only Serial DataFlash
AT45DB161 ATMEL-AT45DB161_01 Datasheet
318Kb / 21P
16-megabit 2.7-volt Only Serial DataFlash
AT45DB021B ATMEL-AT45DB021B_05 Datasheet
484Kb / 32P
2-megabit 2.7-volt Only DataFlash
AT45DB021B ATMEL-AT45DB021B Datasheet
261Kb / 33P
2-megabit 2.7-volt Only DataFlash
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com