Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24C02 Datasheet (PDF) - ATMEL Corporation

AT24C02 Datasheet PDF - ATMEL Corporation
Part # AT24C02
Download  AT24C02 Download
File Size   300.4 Kbytes
Page   19 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Two-wire Automotive Serial EEPROM

AT24C02 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT24C02 Datasheet PDF - ATMEL Corporation

Part # AT24C02
Download  AT24C02 Click to download

File Size   300.4 Kbytes
Page   19 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Two-wire Automotive Serial EEPROM

AT24C02 Datasheet (HTML) - ATMEL Corporation


AT24C02 Product details

Description

The AT24C01A/02/04/08/16 provides 1024/2048/4096/8192/16384 bits of serial electrically erasable and programmable read-only memory (EEPROM) organized as 128/256/512/1024/2048 words of 8 bits each. The device is optimized for use in many automotive applications where low-power and low-voltage operation are essential. The AT24C01A/02/04/08/16 is available in space-saving 8-lead PDIP and 8-lead JEDEC SOIC packages and is accessed via a two-wire serial interface. In addition, the entire family is available in 5.0V (4.5V to 5.5V) and 2.7V (2.7V to 5.5V) versions.



Features

• Medium-voltage and Standard-voltage Operation

   – 5.0 (VCC = 4.5V to 5.5V)

   – 2.7 (VCC = 2.7V to 5.5V)

• Internally Organized 128 x 8 (1K), 256 x 8 (2K), 512 x 8 (4K), 1024 x 8 (8K) or 2048 x 8 (16K)

• Two-wire Serial Interface

• Schmitt Trigger, Filtered Inputs for Noise Suppression

• Bi-directional Data Transfer Protocol

• 100 kHz (2.7V) and 400 kHz (5V) Compatibility

• Write Protect Pin for Hardware Data Protection

• 8-byte Page (1K, 2K), 16-byte Page (4K, 8K, 16K) Write Modes

• Partial Page Writes are Allowed

• Self-timed Write Cycle (5 ms max)

• High-reliability

   – Endurance: 1 Million Write Cycles

   – Data Retention: 100 Years

• 8-lead PDIP and 8-lead JEDEC SOIC Packages



 




Similar Part No. - AT24C02

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C02 ATMEL-AT24C02 Datasheet
260Kb / 24P
2-Wire Serial EEPROM
AT24C02 ATMEL-AT24C02 Datasheet
617Kb / 26P
Two-wire Serial EEPROM
AT24C02 ATMEL-AT24C02 Datasheet
495Kb / 20P
Two-wire Automotive Temperature Serial EEPROM
AT24C02 ATMEL-AT24C02 Datasheet
257Kb / 20P
Standard-voltage Operation
logo
Hotchip Technology Co.,...
AT24C02 HOTCHIP-AT24C02 Datasheet
909Kb / 13P
Single supply with operation down to 1.8v
More results


Similar Description - AT24C02

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C02A ATMEL-AT24C02A_07 Datasheet
592Kb / 16P
Two-wire Automotive Temperature Serial EEPROM
AT24C01A ATMEL-AT24C01A_07 Datasheet
495Kb / 20P
Two-wire Automotive Temperature Serial EEPROM
AT24C11 ATMEL-AT24C11 Datasheet
392Kb / 14P
Two-wire Automotive Temperature Serial EEPROM
AT24C32A ATMEL-AT24C32A_05 Datasheet
281Kb / 17P
Two-wire Automotive Serial EEPROM
AT24C02B ATMEL-AT24C02B_07 Datasheet
546Kb / 21P
Two-wire Serial EEPROM
AT24HC02B ATMEL-AT24HC02B_07 Datasheet
540Kb / 17P
Two-wire Serial EEPROM
AT24C02B_0701 ATMEL-AT24C02B_0701 Datasheet
512Kb / 17P
Two-wire Automotive Temperature Serial EEPROM
AT24HC02B_0701 ATMEL-AT24HC02B_0701 Datasheet
504Kb / 16P
Two-wire Automotive Temperature Serial EEPROM
AT24HC02B ATMEL-AT24HC02B_09 Datasheet
399Kb / 17P
Two-wire Automotive Temperature Serial EEPROM
AT24C01B ATMEL-AT24C01B_09 Datasheet
493Kb / 20P
Two-wire Automotive Temperature Serial EEPROM
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com