Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT34C02B Datasheet (PDF) - ATMEL Corporation

AT34C02B Datasheet PDF - ATMEL Corporation
Part # AT34C02B
Download  AT34C02B Download
File Size   466.77 Kbytes
Page   21 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Two-wire Serial EEPROM with Permanent and Reversible Software Write Protect

AT34C02B Datasheet (PDF)

Go To PDF Page Download Datasheet
AT34C02B Datasheet PDF - ATMEL Corporation

Part # AT34C02B
Download  AT34C02B Click to download

File Size   466.77 Kbytes
Page   21 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Two-wire Serial EEPROM with Permanent and Reversible Software Write Protect

AT34C02B Datasheet (HTML) - ATMEL Corporation


AT34C02B Product details

Description
The AT34C02B provides 2048 bits of serial electrically-erasable and programmable read only memory (EEPROM) organized as 256 words of 8 bits each. The first-half of the device incorporates a permanent and a reversible software write protection feature while hardware write protection for the entire array is available via an external pin. Once the permanent software write protection is enabled, by sending a special command to the device, it cannot be reversed. However, the reversible software write protection is enabled and can be reversed by sending a special command. The hard ware write protection is controlled with the WP pin and can be used to protect the entire array, whether or not the software write protection has been enabled. This allows the user to protect none, first-half, or all of the array depending on the application. The device is optimized for use in many industrial and commercial applications where low-power and low-voltage operations are essential. The AT34C02B is available in space saving 8-lead JEDEC SOIC, 8-lead Ultra Thin Mini-MAP (MLP 2x3), 8-lead TSSOP, and 8-ball dBGA2 packages and is accessed via a Two-wire serial interface. It is available in 1.7V (1.7V to 3.6V).

Features
• Permanent and Reversible Software Write Protection for the First-half of the Array
   – Software Procedure to Verify Write Protect Status
• Hardware Write Protection for the Entire Array
• Low-voltage and Standard-voltage Operation
   – 1.7 (VCC = 1.7V to 3.6V)
• Internally Organized 256 x 8
• Two-wire Serial Interface
• Schmitt Trigger, Filtered Inputs for Noise Suppression
• Bidirectional Data Transfer Protocol
• 100 kHz (1.7V) and 400 kHz (2.7V and 3.6V) Compatibility
• 16-byte Page Write Modes
• Partial Page Writes Are Allowed
• Self-timed Write Cycle (5 ms max)
• High-reliability
   – Endurance: 1 Million Write CycleLButtons
   – Data Retention: 100 Years
• 8-lead JEDEC SOIC, 8-lead Ultra Thin Mini-MAP (MLP 2x3), 8-lead TSSOP, and 8-ball dBGA2 Packages




Similar Part No. - AT34C02B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT34C02B ATMEL-AT34C02B_14 Datasheet
478Kb / 21P
Hardware Write Protection for the Entire Array
More results


Similar Description - AT34C02B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24CS128 ATMEL-AT24CS128 Datasheet
207Kb / 12P
2-Wire Serial EEPROMs with Permanent Software Write Protect
AT34C02 ATMEL-AT34C02 Datasheet
184Kb / 12P
2-Wire Serial EEPROM with Permanent Software Write Protect
AT34C02 ATMEL-AT34C02_07 Datasheet
487Kb / 21P
Two-wire Serial EEPROM with Permanent Software Write Protect
AT34C02C ATMEL-AT34C02C Datasheet
370Kb / 20P
Two-wire Serial EEPROM with Permanent and Reversible Software Write Protect
AT34C02C ATMEL-AT34C02C_08 Datasheet
658Kb / 25P
Two-wire Serial EEPROM with Permanent and Reversible Software Write Protect 2K (256 x 8)
AT34C02C ATMEL-AT34C02C_09 Datasheet
412Kb / 18P
Two-wire Automotive Temperature Serial EEPROM with Permanent and Reversible Software Write Protect
AT34C02D ATMEL-AT34C02D_14 Datasheet
756Kb / 25P
Permanent and Reversible Software Write Protection
logo
Microchip Technology
24AA52 MICROCHIP-24AA52_11 Datasheet
822Kb / 36P
EEPROM with Software Write-Protect
08/02/11
34AA04 MICROCHIP-34AA04 Datasheet
666Kb / 36P
4K I2C??Serial EEPROM with Software Write-Protect
03/25/14
logo
AiT Semiconductor Inc.
A34C04 AITSEMI-A34C04 Datasheet
638Kb / 19P
EEPROM W/PERMANENT SW WRITE PROTECT 4-Kbit (512횞8) TWO-WIRE SERIAL EEPROM
REV1.0
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com