Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24CS128 Datasheet (PDF) - ATMEL Corporation

AT24CS128 Datasheet PDF - ATMEL Corporation
Part # AT24CS128
Download  AT24CS128 Download
File Size   207.75 Kbytes
Page   12 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 2-Wire Serial EEPROMs with Permanent Software Write Protect

AT24CS128 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT24CS128 Datasheet PDF - ATMEL Corporation

Part # AT24CS128
Download  AT24CS128 Click to download

File Size   207.75 Kbytes
Page   12 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 2-Wire Serial EEPROMs with Permanent Software Write Protect

AT24CS128 Datasheet (HTML) - ATMEL Corporation


AT24CS128 Product details

Description
The AT24CS128/256 provides 131,072/262,144 bits of serial electrically erasable and programmable read only memory (EEPROM) organized as 16,384/32,768 words of 8 bits each. The device’s cascadable feature allows up to 4 devices to share a common 2-wire bus. The device also features a one-time programmable 2048 bit array, which once enabled, becomes read-only and cannot be overwritten. If not enabled, the OTP section will function as part of the normal memory array. The device is optimized for use in many industrial and commercial applications where low power and low voltage operation are essential. The devices are available in space-saving 8-pin JEDEC PDIP (AT24CS128/256), 8-pin EIAJ (AT24CS128/256), 8-pin JEDEC SOIC (AT24CS128) packages. In addition, the entire family is available in 5.0V (4.5V to 5.5V), 2.7V (2.7V to 5.5V) and 1.8V (1.8V to 3.6V) versions.

Features
• One-Time Programmable (OTP) Feature
• Low-Voltage and Standard-Voltage Operation
   – 5.0 (VCC = 4.5V to 5.5V)
   – 2.7 (VCC = 2.7V to 5.5V)
   – 1.8 (VCC = 1.8V to 3.6V)
• Internally Organized 16,384 x 8 and 32,768 x 8
• 2-Wire Serial Interface
• Schmitt Trigger, Filtered Inputs for Noise Suppression
• Bidirectional Data Transfer Protocol
• 1 MHz (5V), 400 kHz (2.7V) and 100 kHz (1.8V) Compatibility
• Write Protect Pin for Hardware and Software Data Protection
• 64-Byte Page Write Mode (Partial Page Writes Allowed)
• Self-Timed Write Cycle (5 ms typical)
• High Reliability
   – Endurance: 100,000 Write Cycles
   – Data Retention: 40 Years
   – ESD Protection: >4000V
• Automotive Grade and Extended Temperature Devices Available
• 8-Pin JEDEC PDIP and 8-Pin JEDEC and EIAJ SOIC Packages




Similar Part No. - AT24CS128

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24CS16 ATMEL-AT24CS16_14 Datasheet
868Kb / 22P
Factory Programmed 128-bit Serial Number
More results


Similar Description - AT24CS128

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT34C02 ATMEL-AT34C02 Datasheet
184Kb / 12P
2-Wire Serial EEPROM with Permanent Software Write Protect
logo
Microchip Technology
24LCS52 MICROCHIP-24LCS52 Datasheet
81Kb / 12P
2K 2.5V I 2 C Serial EEPROM with Software Write Protect
1996
logo
ATMEL Corporation
AT34C02 ATMEL-AT34C02_07 Datasheet
487Kb / 21P
Two-wire Serial EEPROM with Permanent Software Write Protect
AT34C02B ATMEL-AT34C02B Datasheet
466Kb / 21P
Two-wire Serial EEPROM with Permanent and Reversible Software Write Protect
AT34C02C ATMEL-AT34C02C Datasheet
370Kb / 20P
Two-wire Serial EEPROM with Permanent and Reversible Software Write Protect
AT34C02C ATMEL-AT34C02C_08 Datasheet
658Kb / 25P
Two-wire Serial EEPROM with Permanent and Reversible Software Write Protect 2K (256 x 8)
AT34C02C ATMEL-AT34C02C_09 Datasheet
412Kb / 18P
Two-wire Automotive Temperature Serial EEPROM with Permanent and Reversible Software Write Protect
logo
Microchip Technology
24AA52 MICROCHIP-24AA52_11 Datasheet
822Kb / 36P
EEPROM with Software Write-Protect
08/02/11
34AA04 MICROCHIP-34AA04 Datasheet
666Kb / 36P
4K I2C??Serial EEPROM with Software Write-Protect
03/25/14
34AA02 MICROCHIP-34AA02_V01 Datasheet
499Kb / 40P
2-Kbit I2C Serial EEPROM Software Write-Protect
Revision G 04/2022
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com