Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24CS128 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT24CS128
Description  2-Wire Serial EEPROMs with Permanent Software Write Protect
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24CS128 Datasheet(HTML) 3 Page - ATMEL Corporation

  AT24CS128 Datasheet HTML 1Page - ATMEL Corporation AT24CS128 Datasheet HTML 2Page - ATMEL Corporation AT24CS128 Datasheet HTML 3Page - ATMEL Corporation AT24CS128 Datasheet HTML 4Page - ATMEL Corporation AT24CS128 Datasheet HTML 5Page - ATMEL Corporation AT24CS128 Datasheet HTML 6Page - ATMEL Corporation AT24CS128 Datasheet HTML 7Page - ATMEL Corporation AT24CS128 Datasheet HTML 8Page - ATMEL Corporation AT24CS128 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AT24CS128/256
3
Note:
This parameter is characterized and is not 100% tested.
Note:
V
IL min and VIH max are reference only and are not tested
Pin Capacitance(1)
Applicable over recommended operating range from T
A = 25°C, f = 1.0 MHz, VCC = +1.8V.
Symbol
Test Condition
Max
Units
Conditions
C
I/O
Input/Output Capacitance (SDA)
8
pF
V
I/O = 0V
C
IN
Input Capacitance (A
0, A1, SCL)
6
pF
V
IN = 0V
DC Characteristics
Applicable over recommended operating range from: T
AI = -40°C to +85°C, VCC = +1.8V to +5.5V, TAC = 0°C to +70°C,
V
CC = +1.8V to +5.5V (unless otherwise noted).
Symbol
Parameter
Test Condition
Min
Typ
Max
Units
V
CC1
Supply Voltage
1.8
3.6
V
V
CC2
Supply Voltage
2.7
5.5
V
V
CC3
Supply Voltage
4.5
5.5
V
I
CC1
Supply Current
V
CC = 5.0V
READ at 400 kHz
1.0
2.0
mA
I
CC2
Supply Current
V
CC = 5.0V
WRITE at 400 kHz
2.0
3.0
mA
I
SB1
Standby Current
(1.8V option)
V
CC = 1.8V
V
IN = VCC or VSS
0.2
µA
V
CC = 3.6V
2.0
I
SB2
Standby Current
(2.7V option)
V
CC = 2.7V
V
IN = VCC or VSS
0.5
µA
V
CC = 5.5V
5.0
I
SB3
Standby Current
(5.0V option)
V
CC = 4.5 - 5.5V
V
IN = VCC or VSS
5.0
µA
I
LI
Input Leakage Current
V
IN = VCC or VSS
0.10
3.0
µA
I
LO
Output Leakage Current
V
OUT = VCC or VSS
0.05
3.0
µA
V
IL
Input Low Level(Note:)
-0.6
V
CC x 0.3
V
V
IH
Input High Level(Note:)
V
CC x 0.7
V
CC + 0.5
V
V
OL2
Output Low Level
V
CC = 3.0V
I
OL = 2.1 mA
0.4
V
V
OL1
Output Low Level
V
CC = 1.8V
I
OL = 0.15 mA
0.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com