Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB041B Datasheet (PDF) - ATMEL Corporation

AT45DB041B Datasheet PDF - ATMEL Corporation
Part # AT45DB041B
Download  AT45DB041B Download
File Size   512.96 Kbytes
Page   35 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 4-megabit 2.5-volt or 2.7-volt DataFlash

AT45DB041B Datasheet (PDF)

Go To PDF Page Download Datasheet
AT45DB041B Datasheet PDF - ATMEL Corporation

Part # AT45DB041B
Download  AT45DB041B Click to download

File Size   512.96 Kbytes
Page   35 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 4-megabit 2.5-volt or 2.7-volt DataFlash

AT45DB041B Datasheet (HTML) - ATMEL Corporation


AT45DB041B Product details

Description
The AT45DB041B is an SPI compatible serial interface Flash memory ideally suited for a wide variety of digital voice-, image-, program code- and data-storage applications. Its 4,325,376 bits of memory are organized as 2048 pages of 264 bytes each. In addition to the main memory, the AT45DB041B also contains two SRAM data buffers of 264 bytes each.

Features
• Single 2.5V - 3.6V or 2.7V - 3.6V Supply
• Serial Peripheral Interface (SPI) Compatible
• 20 MHz Max Clock Frequency
• Page Program Operation
   – Single Cycle Reprogram (Erase and Program)
   – 2048 Pages (264 Bytes/Page) Main Memory
• Supports Page and Block Erase Operations
• Two 264-byte SRAM Data Buffers – Allows Receiving of Data
   while Reprogramming the Flash Memory Array
• Continuous Read Capability through Entire Array
   – Ideal for Code Shadowing Applications
• Low Power Dissipation
   – 4 mA Active Read Current Typical
   – 2 µA CMOS Standby Current Typical
• Hardware Data Protection Feature
• 5.0V-tolerant Inputs: SI, SCK, CS, RESET, and WP Pins
• Commercial and Industrial Temperature Ranges
• Green (Pb/Halide-free/RoHS Compliant) Package Options




Similar Part No. - AT45DB041B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB041B ATMEL-AT45DB041B Datasheet
233Kb / 33P
4-megabit 2.5-volt Only or 2.7-volt Only DataFlash
AT45DB041B-CC ATMEL-AT45DB041B-CC Datasheet
233Kb / 33P
4-megabit 2.5-volt Only or 2.7-volt Only DataFlash
AT45DB041B-CI ATMEL-AT45DB041B-CI Datasheet
233Kb / 33P
4-megabit 2.5-volt Only or 2.7-volt Only DataFlash
AT45DB041B-RC ATMEL-AT45DB041B-RC Datasheet
233Kb / 33P
4-megabit 2.5-volt Only or 2.7-volt Only DataFlash
AT45DB041B-RC-2.5 ATMEL-AT45DB041B-RC-2.5 Datasheet
233Kb / 33P
4-megabit 2.5-volt Only or 2.7-volt Only DataFlash
More results


Similar Description - AT45DB041B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
45DB041B ATMEL-45DB041B Datasheet
233Kb / 33P
4-megabit 2.5-volt Only or 2.7-volt Only DataFlash
AT45DB081B ATMEL-AT45DB081B_05 Datasheet
530Kb / 33P
8-megabit 2.5-volt Only or 2.7-volt Only DataFlash
AT45DB041D ATMEL-AT45DB041D_07 Datasheet
1Mb / 53P
4-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB081D ATMEL-AT45DB081D_07 Datasheet
1Mb / 53P
8-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB161D ATMEL-AT45DB161D Datasheet
1Mb / 53P
16-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB041D ATMEL-AT45DB041D_08 Datasheet
1Mb / 53P
4-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB081D ATMEL-AT45DB081D_08 Datasheet
1Mb / 53P
8-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB161D ATMEL-AT45DB161D_09 Datasheet
1Mb / 56P
16-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB081D ATMEL-AT45DB081D_09 Datasheet
1Mb / 54P
8-megabit 2.5-volt or 2.7-volt DataFlash
logo
List of Unclassifed Man...
AT45DB041D ETC2-AT45DB041D Datasheet
1Mb / 53P
4-megabit 2.5-volt or 2.7-volt DataFlash
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com