Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB161D Datasheet (PDF) - ATMEL Corporation

AT45DB161D Datasheet PDF - ATMEL Corporation
Part # AT45DB161D
Download  AT45DB161D Download
File Size   1696.15 Kbytes
Page   53 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 16-megabit 2.5-volt or 2.7-volt DataFlash

AT45DB161D Datasheet (PDF)

Go To PDF Page Download Datasheet
AT45DB161D Datasheet PDF - ATMEL Corporation

Part # AT45DB161D
Download  AT45DB161D Click to download

File Size   1696.15 Kbytes
Page   53 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 16-megabit 2.5-volt or 2.7-volt DataFlash

AT45DB161D Datasheet (HTML) - ATMEL Corporation


AT45DB161D Product details

Description
The AT45DB161D is a 2.5-volt or 2.7-volt, serial-interface sequential access Flash memory ideally suited for a wide variety of digital voice-, image-, program code- and data-storage applications. The AT45DB161D supports RapidS serial interface for applications requiring very high speed operations. RapidS serial interface is SPI compatible for frequencies up to 66 MHz. Its 17,301,504 bits of memory are organized as 4,096 pages of 512 bytes or 528 bytes each. In addition to the main memory, the AT45DB161D also contains two SRAM buffers of 512/528 bytes each. The buffers allow the receiving of data while a page in the main Memory is being reprogrammed, as well as writing a continuous data stream.

Features
• Single 2.5V - 3.6V or 2.7V - 3.6V Supply
• RapidS Serial Interface: 66 MHz Maximum Clock Frequency
    – SPI Compatible Modes 0 and 3
• User Configurable Page Size
    – 512 Bytes per Page
    – 528 Bytes per Page
    – Page Size Can Be Factory Pre-configured for 512 Bytes
• Page Program Operation
    – Intelligent Programming Operation
    – 4,096 Pages (512/528 Bytes/Page) Main Memory
• Flexible Erase Options
    – Page Erase (512 Bytes)
    – Block Erase (4 Kbytes)
    – Sector Erase (128 Kbytes)
    – Chip Erase (16 Mbits)
• Two SRAM Data Buffers (512/528 Bytes)
    – Allows Receiving of Data while Reprogramming the Flash Array
• Continuous Read Capability through Entire Array
    – Ideal for Code Shadowing Applications
• Low-power Dissipation
    – 7 mA Active Read Current Typical
    – 25 µA Standby Current Typical
    – 15 µA Deep Power Down Typical
• Hardware and Software Data Protection Features
    – Individual Sector
• Sector Lockdown for Secure Code and Data Storage
    – Individual Sector
• Security: 128-byte Security Register
    – 64-byte User Programmable Space
    – Unique 64-byte Device Identifier
• JEDEC Standard Manufacturer and Device ID Read
• 100,000 Program/Erase Cycles Per Page Minimum
• Data Retention – 20 Years
• Industrial Temperature Range
• Green (Pb/Halide-free/RoHS Compliant) Packaging Options




Similar Part No. - AT45DB161D

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB161D ATMEL-AT45DB161D Datasheet
1Mb / 56P
16-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB161D-CU ATMEL-AT45DB161D-CU Datasheet
1Mb / 56P
16-megabit 2.5-volt or 2.7-volt DataFlash
logo
List of Unclassifed Man...
AT45DB161D-CU ETC2-AT45DB161D-CU Datasheet
2Mb / 51P
16-megabit 2.5V or 2.7V DataFlash
logo
ATMEL Corporation
AT45DB161D-MU ATMEL-AT45DB161D-MU Datasheet
1Mb / 56P
16-megabit 2.5-volt or 2.7-volt DataFlash
logo
List of Unclassifed Man...
AT45DB161D-MU ETC2-AT45DB161D-MU Datasheet
2Mb / 51P
16-megabit 2.5V or 2.7V DataFlash
More results


Similar Description - AT45DB161D

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB161B ATMEL-AT45DB161B Datasheet
351Kb / 33P
16 MEGABIT 2.5-VOLT ONLY OR 2.7-VOLT ONLY DATAFLASH
AT45DB081B ATMEL-AT45DB081B_05 Datasheet
530Kb / 33P
8-megabit 2.5-volt Only or 2.7-volt Only DataFlash
AT45DB041B ATMEL-AT45DB041B Datasheet
512Kb / 35P
4-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB041D ATMEL-AT45DB041D_07 Datasheet
1Mb / 53P
4-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB081D ATMEL-AT45DB081D_07 Datasheet
1Mb / 53P
8-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB041D ATMEL-AT45DB041D_08 Datasheet
1Mb / 53P
4-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB081D ATMEL-AT45DB081D_08 Datasheet
1Mb / 53P
8-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB161D ATMEL-AT45DB161D_09 Datasheet
1Mb / 56P
16-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB081D ATMEL-AT45DB081D_09 Datasheet
1Mb / 54P
8-megabit 2.5-volt or 2.7-volt DataFlash
logo
List of Unclassifed Man...
AT45DB041D ETC2-AT45DB041D Datasheet
1Mb / 53P
4-megabit 2.5-volt or 2.7-volt DataFlash
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com