Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T83C5101 Datasheet (PDF) - ATMEL Corporation

T83C5101 Datasheet PDF - ATMEL Corporation
Part # T83C5101
Download  T83C5101 Download
File Size   740.51 Kbytes
Page   58 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-bit Low Pin Count Microcontrollers

T83C5101 Datasheet (PDF)

Go To PDF Page Download Datasheet
T83C5101 Datasheet PDF - ATMEL Corporation

Part # T83C5101
Download  T83C5101 Click to download

File Size   740.51 Kbytes
Page   58 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-bit Low Pin Count Microcontrollers

T83C5101 Datasheet (HTML) - ATMEL Corporation


T83C5101 Product details

Description
The T8xC5101/02 family is a high performance CMOS ROM, OTP, EPROM derivative of the 80C51 CMOS single chip 8-bit microcontroller.
The T8xC5101/02 family is a low pin count device where only Port 1, port 3 and 2/6 bits of a new port 4 are outputted. This prevents any external access, like external program memory access (fetch, MOVC) or external data memory (MOVX). The T8xC5101/02 family retains all features of the 80C51 with extended capacity 8 KB ROM (5102), 16 KB ROM (5101)/16 KB EPROM/OTP (5101), 256 bytes of internal RAM, a 6-source, 4-level interrupt system, an on-chip oscillator and three timer/counters.

Features
• 80C51 Code Compatible
   – 8051 Instruction Compatible
   – 16 I/O + 2 Outputs in 24 Pin Packages
      16 I/O + 6 Outputs in 28 Pin Packages
   – Three 16-bit Timer/Counters
   – 256 Bytes Scratchpad RAM
• Program Memory
   – 8 KB ROM T83C5102
   – 16 KB ROM T83C5101
   – 16 KB EPROM/OTP T87C5101
• High-speed Architecture
• 40 MHz from 2.7 to 5.5V, Commercial or Industrial Temperature Range:
   – 40 MHz with a 40 MHz Crystal In Std. Mode
   – 40 MHz with a 20 MHz Crystal In X2 Mode
• 66 MHz from 4.5 to 5.5V, Commercial Temperature Range
   – 40 MHz with a 40 MHz Crystal in Std. Mode
   – 66 MHz with a 33 MHz Crystal in X2 Mode
• Dual Data Pointer
• On-chip eXpanded RAM (XRAM) (256 bytes)
• Programmable Clock Out and Up/Down Timer/Counter 2
• Asynchronous Port Reset
• Interrupt Structure with
   – 6 Interrupt Sources,
   – 4-Level Priority Interrupt System
• Full-duplex Enhanced UART
   – Framing Error Detection
   – Automatic Address Recognition
• Low EMI (no ALE)
• Power Control Modes
   – Idle Mode
   – Power-down Mode
• Packages: SO24, DIL24, SSOP24, SO28




Similar Part No. - T83C5101

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
T83C5101 TEMIC-T83C5101 Datasheet
243Kb / 52P
8-bit Low pin count Microcontrollers, 0-66 MHz
logo
ATMEL Corporation
T83C5101 ATMEL-T83C5101 Datasheet
678Kb / 58P
8-bit Low Pin Count Microcontrollers
T83C5101XXX-3ZSCL ATMEL-T83C5101XXX-3ZSCL Datasheet
678Kb / 58P
8-bit Low Pin Count Microcontrollers
T83C5101XXX-3ZSCV ATMEL-T83C5101XXX-3ZSCV Datasheet
678Kb / 58P
8-bit Low Pin Count Microcontrollers
T83C5101XXX-3ZSIL ATMEL-T83C5101XXX-3ZSIL Datasheet
678Kb / 58P
8-bit Low Pin Count Microcontrollers
More results


Similar Description - T83C5101

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC12CR509 MICROCHIP-PIC12CR509 Datasheet
1Mb / 113P
8-Pin, 8-Bit CMOS Microcontrollers
1999 - 2002
logo
ATMEL Corporation
AT87C5103 ATMEL-AT87C5103_04 Datasheet
697Kb / 64P
Low-pin Count 8-bit Microcontroller
AT87C5103_0306 ATMEL-AT87C5103_0306 Datasheet
522Kb / 64P
Low-pin Count 8-bit Microcontroller
logo
TEMIC Semiconductors
T87C5101 TEMIC-T87C5101 Datasheet
243Kb / 52P
8-bit Low pin count Microcontrollers, 0-66 MHz
logo
ATMEL Corporation
AT87C5103 ATMEL-AT87C5103_08 Datasheet
579Kb / 64P
Low-pin Count 8-bit Microcontroller
T83C5101 ATMEL-T83C5101_08 Datasheet
678Kb / 58P
8-bit Low Pin Count Microcontrollers
logo
fujitsu semiconductor
MB95200 FUJITSU-MB95200 Datasheet
969Kb / 4P
Low-Pin-Count Microcontrollers
logo
Microchip Technology
PIC16F18455 MICROCHIP-PIC16F18455 Datasheet
8Mb / 706P
28-Pin Full-Featured, Low Pin Count Microcontrollers with XLP
2019
PIC24FJ64GP205 MICROCHIP-PIC24FJ64GP205 Datasheet
8Mb / 809P
16-Bit eXtreme Low-Power Microcontrollers with USB in Low Pin Count Packages
Revision D (March 2022)
PIC16F1614 MICROCHIP-PIC16F1614 Datasheet
415Kb / 19P
Full-Featured, Low Pin Count, High-Temperature Microcontrollers
Revision A 2/2019
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com