Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

289J Datasheet (PDF) - Analog Devices

289J Datasheet PDF - Analog Devices
Part # 289J
Download  289J Download
File Size   1821.29 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision, Wide Bandwidth, Synchronized Isolation Amplifier

289J Datasheet (PDF)

Go To PDF Page Download Datasheet
289J Datasheet PDF - Analog Devices

Part # 289J
Download  289J Click to download

File Size   1821.29 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision, Wide Bandwidth, Synchronized Isolation Amplifier

289J Datasheet (HTML) - Analog Devices


289J Product details

FEATURES
Low Nonlinearity: £0.012% max (289L)
Frequency Response: (-3dB) dc to 20kHz
(Full Power) dc to 5kHz
Gain Adjustable 1 to 100V/V, Single Resistor
3-Port Isolation: 2500V CMV lsolation Input/Output
Low Gain Drift: £0.005%/°C max
Floating Power Output: +15V @ t5mA
120dB CMR at 60Hz: Fully Shielded Input Stage
Meets UL Std. 544 Leakage: 2uA rms max, @ 115V ac, 60Hz
APPLICATIONS
Multi-Channel Data Acquisition Systems
Current Shunt Measurements
Process Signal Isolator
High Voltage Instrumentation Amplifier
SCR Motor Control




Similar Part No. - 289J

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
289J ETC1-289J Datasheet
49Kb / 1P
Precision, Wide Bandwidth, Synchronized Isolation Amplifier
logo
Intronics Power, Inc.
289J INTRONICS-289J Datasheet
1Mb / 6P
Precision, Wide Bandwidth, Synchronized Isolation Amplifier
More results


Similar Description - 289J

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD210 AD-AD210 Datasheet
472Kb / 8P
Precision, Wide Bandwidth 3-Port Isolation Amplifier
logo
List of Unclassifed Man...
289J ETC1-289J Datasheet
49Kb / 1P
Precision, Wide Bandwidth, Synchronized Isolation Amplifier
logo
Texas Instruments
TL5580 TI-TL5580 Datasheet
252Kb / 12P
DUAL LOW-NOISE WIDE-BANDWIDTH PRECISION AMPLIFIER
TL5580 TI-TL5580_06 Datasheet
243Kb / 13P
DUAL LOW-NOISE WIDE-BANDWIDTH PRECISION AMPLIFIER
logo
Intronics Power, Inc.
289 INTRONICS-289 Datasheet
1Mb / 6P
Precision, Wide Bandwidth, Synchronized Isolation Amplifier
logo
Analog Devices
AC1059 AD-AC1059 Datasheet
301Kb / 8P
Precision, Wide Bandwidth 3-Port Isolation Amplifier
REV. A
277 AD-277_15 Datasheet
1Mb / 4P
Precision Isolation Amplifier
AD210 AD-AD210_15 Datasheet
301Kb / 8P
Precision, Wide Bandwidth 3-Port Isolation Amplifier
REV. A
AD210 AD-AD210_16 Datasheet
382Kb / 9P
Precision, Wide Bandwidth 3-Port Isolation Amplifier
REV. A
logo
Texas Instruments
INA592 TI1-INA592 Datasheet
442Kb / 20P
High-Precision, Wide-Bandwidth e-trim Difference Amplifier
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com