Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD210 Datasheet (PDF) - Analog Devices

AD210 Datasheet PDF - Analog Devices
Part # AD210
Download  AD210 Download
File Size   472.95 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision, Wide Bandwidth 3-Port Isolation Amplifier

AD210 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD210 Datasheet PDF - Analog Devices

Part # AD210
Download  AD210 Click to download

File Size   472.95 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision, Wide Bandwidth 3-Port Isolation Amplifier

AD210 Datasheet (HTML) - Analog Devices


AD210 Product details

GENERAL DESCRIPTION
The AD210 is the latest member of a new generation of low cost, high performance isolation amplifiers. This three-port, wide bandwidth isolation amplifier is manufactured with surface-mounted components in an automated assembly process. The AD210 combines design expertise with state-of-the-art manufacturing technology to produce an extremely compact and economical isolator whose performance and abundant user features far exceed those offered in more expensive devices.
The AD210 provides a complete isolation function with both signal and power isolation supplied via transformer coupling internal to the module. The AD210’s functionally complete design, powered by a single +15 V supply, eliminates the need for an external DC/DC converter, unlike optically coupled isolation devices. The true three-port design structure permits the AD210 to be applied as an input or output isolator, in single or multichannel applications. The AD210 will maintain its high performance under sustained common-mode stress.
Providing high accuracy and complete galvanic isolation, the AD210 interrupts ground loops and leakage paths, and rejects common-mode voltage and noise that may other vise degrade measurement accuracy. In addition, the AD210 provides protection from fault conditions that may cause damage to other sections of a measurement system.

FEATURES
  High CMV Isolation: 2500 V rms Continuous
                          ±3500 V Peak Continuous
  Small Size: 1.00" x 2.10" x 0.350"
  Three-Port Isolation: Input, Output, and Power
  Low Nonlinearity: ±0.012% max
  Wide Bandwidth: 20 kHz Full-Power (–3 dB)
  Low Gain Drift: ±25 ppm/8C max
  High CMR: 120 dB (G = 100 V/V)
  Isolated Power: ±15 V @ ±5 mA
  Uncommitted Input Amplifier
 
APPLICATIONS
  Multichannel Data Acquisition
  High Voltage Instrumentation Amplifier
  Current Shunt Measurements
  Process Signal Isolation




Similar Part No. - AD210

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
AD210032F-I-AB MICROCHIP-AD210032F-I-AB Datasheet
1Mb / 56P
SAMA5D2 System in Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM or 2 Gbit LPDDR2 SDRAM
2021
logo
Analog Devices
AD210AN AD-AD210AN Datasheet
8Mb / 16P
High Precision, Low Offset, mV Input Isolation Amplifier
logo
List of Unclassifed Man...
AD210AN ETC2-AD210AN Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
Analog Devices
AD210BN AD-AD210BN Datasheet
8Mb / 16P
High Precision, Low Offset, mV Input Isolation Amplifier
logo
List of Unclassifed Man...
AD210BN ETC2-AD210BN Datasheet
2Mb / 31P
SEMICONDUCTORS
More results


Similar Description - AD210

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
289J ETC1-289J Datasheet
49Kb / 1P
Precision, Wide Bandwidth, Synchronized Isolation Amplifier
logo
Texas Instruments
TL5580 TI-TL5580 Datasheet
252Kb / 12P
DUAL LOW-NOISE WIDE-BANDWIDTH PRECISION AMPLIFIER
TL5580 TI-TL5580_06 Datasheet
243Kb / 13P
DUAL LOW-NOISE WIDE-BANDWIDTH PRECISION AMPLIFIER
logo
Intronics Power, Inc.
289 INTRONICS-289 Datasheet
1Mb / 6P
Precision, Wide Bandwidth, Synchronized Isolation Amplifier
logo
Analog Devices
AC1059 AD-AC1059 Datasheet
301Kb / 8P
Precision, Wide Bandwidth 3-Port Isolation Amplifier
REV. A
277 AD-277_15 Datasheet
1Mb / 4P
Precision Isolation Amplifier
AD210 AD-AD210_15 Datasheet
301Kb / 8P
Precision, Wide Bandwidth 3-Port Isolation Amplifier
REV. A
AD210 AD-AD210_16 Datasheet
382Kb / 9P
Precision, Wide Bandwidth 3-Port Isolation Amplifier
REV. A
logo
Texas Instruments
INA592 TI1-INA592 Datasheet
442Kb / 20P
High-Precision, Wide-Bandwidth e-trim Difference Amplifier
logo
Analog Devices
AD289 AD-AD289 Datasheet
1Mb / 6P
Precision, Wide Bandwidth, Synchronized Isolation Amplifier
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com