Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD210 Datasheet(PDF) 2 Page - Analog Devices

Part # AD210
Description  Precision, Wide Bandwidth 3-Port Isolation Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD210 Datasheet(HTML) 2 Page - Analog Devices

  AD210 Datasheet HTML 1Page - Analog Devices AD210 Datasheet HTML 2Page - Analog Devices AD210 Datasheet HTML 3Page - Analog Devices AD210 Datasheet HTML 4Page - Analog Devices AD210 Datasheet HTML 5Page - Analog Devices AD210 Datasheet HTML 6Page - Analog Devices AD210 Datasheet HTML 7Page - Analog Devices AD210 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AD210 PIN DESIGNATIONS
Pin
Designation
Function
1
VO
Output
2OCOM
Output Common
3+VOSS
+Isolated Power @ Output
4–VOSS
–Isolated Power @ Output
14
+VISS
+Isolated Power @ Input
15
–VISS
–Isolated Power @ Input
16
FB
Input Feedback
17
–IN
–Input
18
ICOM
Input Common
19
+IN
+Input
29
Pwr Com
Power Common
30
Pwr
Power Input
AD210–SPECIFICATIONS
(typical @ +25 C, and VS = +15 V unless otherwise noted)
Model
AD210AN
AD210BN
AD210JN
GAIN
Range
1 V/V – 100 V/V
*
*
Error
±2% max
±1% max
*
vs. Temperature(0
°C to +70°C)
+25 ppm/
°C max
*
*
(–25
°C to +85°C)
±50 ppm/°C max
*
*
vs. Supply Voltage
±0.002%/V
*
*
Nonlinearity
1
±0.025% max
±0.012% max
*
INPUT VOLTAGE RATINGS
Linear Differential Range
±10 V
*
*
Maximum Safe Differential Input
±15 V
*
*
Max. CMV Input-to-Output
*
ac, 60 Hz, Continuous
2500 V rms
*
1500 V rms
dc, Continuous
±3500 V peak
*
±2000 V peak
Common-Mode Rejection
*
60 Hz, G = 100 V/V
*
RS ≤ 500 Ω Impedance Imbalance
120 dB
*
*
Leakage Current Input-to-Output
*
@ 240 V rms, 60 Hz
2
µA rms max
*
*
INPUT IMPEDANCE
Differential
l0
12
**
Common Mode
5 G
Ω 5pF
*
*
INPUT BIAS CURRENT
Initial, @ +25
°C
30 pA typ (400 pA max)
*
*
vs. Temperature (0
°C to +70°C)
10 nA max
*
*
(–25
°C to +85°C) 30 nA max
*
*
INPUT DIFFERENCE CURRENT
Initial, @ +25
°C
5 pA typ (200 pA max)
*
*
vs. Temperature(0
°C to + 70°C)
2 nA max
*
*
(–25
°C to +85°C)
10 nA max
*
*
INPUT NOISE
Voltage (l kHz)
18 nV/
√Hz
**
(10 Hz to 10 kHz)
4
µV rms
*
*
Current (1 kHz)
0.01 pA/
√Hz
**
FREQUENCY RESPONSE
Bandwidth (–3 dB)
*
G = 1 V/V
20 kHz
*
*
G = 100 V/V
15 kHz
*
*
Settling Time (
±10 mV, 20 V Step) *
G = 1 V/V
150
µs*
*
G = 100 V/V
500
µs*
*
Slew Rate (G = 1 V/V)
1 V/
µs*
*
OFFSET VOLTAGE (RTI)
2
Initial, @ +25
°C
±15 ±45/G) mV max
(
±5 ±15/G) mV max *
vs. Temperature (0
°C to +70°C)
(
±10 ±30/G) µV/°C*
*
(–25
°C to +85°C)
(
±10 ±50/G) µV/°C*
*
RATED OUTPUT
3
Voltage, 2 k
Ω Load
±10 V min
*
*
Impedance
1
Ω max
*
*
Ripple (Bandwidth = 100 kHz)
10 mV p-p max
*
*
ISOLATED POWER OUTPUTS
4
Voltage, No Load
±15 V
*
*
Accuracy
±10%
*
*
Current
±5mA
*
*
Regulation, No Load to Full Load
See Text
*
*
Ripple
See Text
*
*
POWER SUPPLY
Voltage, Rated Performance
+15 V dc
± 5%
*
*
Voltage, Operating
+15 V dc
± 10%
*
*
Current, Quiescent
50 mA
*
*
Current, Full Load – Full Signal
80 mA
*
*
TEMPERATURE RANGE
Rated Performance
–25
°C to +85°C*
*
Operating
–40
°C to +85°C*
*
Storage
–40
°C to +85°C*
*
PACKAGE DIMENSIONS
Inches
1.00
× 2.10 × 0.350
*
*
Millimeters
25.4
× 53.3 × 8.9
*
*
NOTES
*Specifications same as AD210AN.
1Nonlinearity is specified as a % deviation from a best straight line..
2RTI – Referred to Input.
3A reduced signal swing is recommended when both
±V
ISS and ± VOSS supplies are fully
loaded, due to supply voltage reduction.
4See text for detailed information.
_
Specifications subject to change without notice.
REV. A
–2–
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
AC1059 MATING SOCKET
CAUTION
ESD (electrostatic discharge) sensitive device. Elec-
trostatic charges as high as 4000 V readily accumu-
late on the human body and test equipment and can
discharge without detection. Although the AD210
features proprietary ESD protection circuitry, per-
manent damage may occur on devices subjected to
high energy electrostatic discharges. Therefore,
proper ESD precautions are recommended to avoid
performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com