Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD210 Datasheet(PDF) 5 Page - Analog Devices

Part # AD210
Description  Precision, Wide Bandwidth 3-Port Isolation Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD210 Datasheet(HTML) 5 Page - Analog Devices

  AD210 Datasheet HTML 1Page - Analog Devices AD210 Datasheet HTML 2Page - Analog Devices AD210 Datasheet HTML 3Page - Analog Devices AD210 Datasheet HTML 4Page - Analog Devices AD210 Datasheet HTML 5Page - Analog Devices AD210 Datasheet HTML 6Page - Analog Devices AD210 Datasheet HTML 7Page - Analog Devices AD210 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AD210
REV. A
–5–
+0.04
+0.03
+0.02
+0.01
0
–0.01
–0.02
–0.03
–0.04
–10
–8
–6
–4
–2
0
+2
+4
+6
+8
+10
OUTPUT VOLTAGE SWING – Volts
+8
+6
+4
+2
0
–2
–4
–6
–8
Figure 12. Gain Nonlinearity Error vs. Output
0.01
0.009
0.008
0.007
0.006
0.005
0.004
0.003
0.002
0.001
0.000
100
90
80
70
60
50
40
30
20
10
0
0
2
4
6
8
10
12
14
16
18
20
TOTAL SIGNAL SWING – Volts
Figure 13. Gain Nonlinearity vs. Output Swing
Gain vs. Temperature:
Figure 14 illustrates the AD210’s
gain vs. temperature performance. The gain versus temperature
performance illustrated is for an AD210 configured as a unity
gain amplifier.
400
200
0
–200
–400
–600
–800
–1000
–1200
–1400
–1600
–25
0
+25
+50
+70
+85
TEMPERATURE –
°C
G = 1
Figure 14. Gain vs. Temperature
Phase Shift:
Figure 10 illustrates the AD210’s low phase shift
and gain versus frequency. The AD210’s phase shift and wide
bandwidth performance make it well suited for applications like
power monitors and controls systems.
60
20
–80
100
100k
10k
1k
10
40
–20
0
–60
–40
FREQUENCY – Hz
0
–20
–40
–60
–80
–100
–120
–140
φG = 1
φG = 100
Figure 10. Phase Shift and Gain vs. Frequency
Input Noise vs. Frequency:
Voltage noise referred to the input
is dependent on gain and signal bandwidth. Figure 11 illustrates
the typical input noise in nV/
√Hz of the AD210 for a frequency
range from 10 to 10 kHz.
60
40
0
100
10k
1k
10
50
20
30
10
FREQUENCY – Hz
Figure 11. Input Noise vs. Frequency
Gain Nonlinearity vs. Output:
Gain nonlinearity is defined as the
deviation of the output voltage from the best straight line, and is
specified as % peak-to-peak of output span. The AD210B provides
guaranteed maximum nonlinearity of
±0.012% with an output span of
±10 V. The AD210’s nonlinearity performance is shown in Figure 12.
Gain Nonlinearity vs. Output Swing:
The gain nonlinearity
of the AD210 varies as a function of total signal swing. When
the output swing is less than 20 volts, the gain nonlinearity as a
fraction of signal swing improves. The shape of the nonlinearity
remains constant. Figure 13 shows the gain nonlinearity of the
AD210 as a function of total signal swing.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com