Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT7105 Datasheet (PDF) - Chip Advanced Technology

CAT7105 Datasheet PDF - Chip Advanced Technology
Part # CAT7105
Download  CAT7105 Download
File Size   758.48 Kbytes
Page   12 Pages
Manufacturer  CAT [Chip Advanced Technology]
Direct Link  www.chipadvanced.com
Logo CAT - Chip Advanced Technology
Description 2.0A High Efficiency Step-Down DC/DC Converter

CAT7105 Datasheet (PDF)

Go To PDF Page Download Datasheet
CAT7105 Datasheet PDF - Chip Advanced Technology

Part # CAT7105
Download  CAT7105 Click to download

File Size   758.48 Kbytes
Page   12 Pages
Manufacturer  CAT [Chip Advanced Technology]
Direct Link  www.chipadvanced.com
Logo CAT - Chip Advanced Technology
Description 2.0A High Efficiency Step-Down DC/DC Converter

CAT7105 Datasheet (HTML) - Chip Advanced Technology


CAT7105 Product details

Features
 High Efficiency up to 95%
 4.75V to 23V Wide Input Voltage Range
 Output Adjustable from 1.23 to 21V
 2.0A Output Current
 380kHz constant Frequency Operation
 Current Mode Operation
 Over-temperature Protected
 Over Current Protection
 Under Voltage Lockout
 25μA Shutdown Current
 SOP8 Package
 RoHS Compliant (100% Green available)




Similar Part No. - CAT7105

ManufacturerPart #DatasheetDescription
logo
Clarke International
CAT70 CLARKE-CAT70 Datasheet
2Mb / 16P
HEAVY DUTY BELT SANDER
DL1222 R3
logo
Catalyst Semiconductor
CAT705 CATALYST-CAT705 Datasheet
229Kb / 14P
關P Supervisory Circuits
logo
ON Semiconductor
CAT705 ONSEMI-CAT705 Datasheet
128Kb / 14P
關P Supervisory Circuits
Doc. No. MD-3030, Rev. D
logo
Catalyst Semiconductor
CAT705VI-G CATALYST-CAT705VI-G Datasheet
229Kb / 14P
關P Supervisory Circuits
logo
ON Semiconductor
CAT705VI-G ONSEMI-CAT705VI-G Datasheet
128Kb / 14P
關P Supervisory Circuits
Doc. No. MD-3030, Rev. D
More results


Similar Description - CAT7105

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1578 SEMTECH-SC1578 Datasheet
130Kb / 5P
HIGH-EFFICIENCY STEP-DOWN DC-DC CONVERTER
logo
Analog Intergrations Co...
AIC1578 AIC-AIC1578 Datasheet
266Kb / 7P
High-Efficiency, Step-Down DC/DC Converter
logo
Fairchild Semiconductor
FAN5307 FAIRCHILD-FAN5307 Datasheet
623Kb / 13P
High-Efficiency Step-Down DC-DC Converter
logo
Texas Instruments
TPS62205 TI-TPS62205 Datasheet
264Kb / 19P
HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
logo
Fairchild Semiconductor
FAN2001 FAIRCHILD-FAN2001 Datasheet
329Kb / 11P
1A High-Efficiency Step-Down DC-DC Converter
logo
Richtek Technology Corp...
RT9201 RICHTEK-RT9201 Datasheet
194Kb / 13P
High Efficiency PWM Step-Down DC-DC Converter
logo
Shindengen Electric Mfg...
MD1422N SHINDENGEN-MD1422N Datasheet
41Kb / 2P
high-efficiency step down DC-DC converter
logo
Fairchild Semiconductor
FAN5308 FAIRCHILD-FAN5308_07 Datasheet
472Kb / 11P
800mA High-Efficiency Step-Down DC-DC Converter
logo
Texas Instruments
TPS62203-DIE TI1-TPS62203-DIE Datasheet
70Kb / 4P
HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
TPS62200 TI1-TPS62200_13 Datasheet
905Kb / 24P
HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com