Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9201 Datasheet (PDF) - Richtek Technology Corporation

RT9201 Datasheet PDF - Richtek Technology Corporation
Part # RT9201
Download  RT9201 Download
File Size   194.86 Kbytes
Page   13 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description High Efficiency PWM Step-Down DC-DC Converter

RT9201 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9201 Datasheet PDF - Richtek Technology Corporation

Part # RT9201
Download  RT9201 Click to download

File Size   194.86 Kbytes
Page   13 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description High Efficiency PWM Step-Down DC-DC Converter

RT9201 Datasheet (HTML) - Richtek Technology Corporation


RT9201 Product details

General Description

The RT9201 is a high-efficiency pulse-width-modulated (PWM) step-downDC-DC converter. Capable of delivering 600mA output current over a wide input voltage range from 2.5 to 5.5V, the RT9201 is ideally suited for portable electronic devices that are powered from 1-cell Li-ion battery or from other power sources within the range such as cellular phones, PDAs and handy-terminals.



Features

+2.5V to +5.5V Input Range

Adjustable Output From 0.85V to VIN

600mA Output Current

95%Efficiency

No Schottky Diode Required

85mA Quiescent Current

100% Duty Cycle in Low-Dropout Mode

800kHz Fixed-Frequency PWM Operation

Pulse-skipping Mode Operation During Light Ioad

RoHS Compliant and 100% Lead (Pb)-Free



Applications

Cellular Telephones

Wireless Modems

Personal InformationAppliances

Portable Instruments

Distributed Power Systems

Battery-Powered Equipment (1 Li-Ion or 3NiMH/NiCd)




Similar Part No. - RT9201

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9202 RICHTEK-RT9202 Datasheet
149Kb / 16P
SINGLE SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
RT9202 RICHTEK-RT9202 Datasheet
197Kb / 14P
Single Synchronous Buck PWM DC-DC Controller
RT9202B RICHTEK-RT9202B Datasheet
197Kb / 14P
Single Synchronous Buck PWM DC-DC Controller
RT9202BGS RICHTEK-RT9202BGS Datasheet
197Kb / 14P
Single Synchronous Buck PWM DC-DC Controller
RT9202BPS RICHTEK-RT9202BPS Datasheet
197Kb / 14P
Single Synchronous Buck PWM DC-DC Controller
More results


Similar Description - RT9201

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8020 RICHTEK-RT8020 Datasheet
218Kb / 14P
Dual High-Efficiency PWM Step-Down DC-DC Converter
logo
ELM Technology Corporat...
ELM611DA ELM-TECH-ELM611DA Datasheet
983Kb / 11P
high efficiency synchronous PWM step down DC/DC converter
logo
Richtek Technology Corp...
RT8020 RICHTEK-RT8020_12 Datasheet
394Kb / 15P
Dual High-Efficiency PWM Step-Down DC/DC Converter
logo
ELM Technology Corporat...
ELM600XB ELM-TECH-ELM600XB_17 Datasheet
1Mb / 7P
high efficiency synchronous PWM step down DC/DC converter
logo
Diodes Incorporated
PAM2306 DIODES-PAM2306 Datasheet
570Kb / 15P
DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev 1
PAM2306D DIODES-PAM2306D Datasheet
358Kb / 12P
DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev 2
PAM2308 DIODES-PAM2308 Datasheet
552Kb / 15P
DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev 1
PAM2319 DIODES-PAM2319 Datasheet
355Kb / 12P
DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev 1
logo
Shenzhen Huazhimei Semi...
HM5202 HMSEMI-HM5202 Datasheet
660Kb / 8P
Dual High-Efficiency PWM Step-Down DC/DC Converter
logo
Diodes Incorporated
PAM2306 DIODES-PAM2306_V01 Datasheet
861Kb / 15P
DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev. 3 - 2 May 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com