Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9201 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9201
Description  High Efficiency PWM Step-Down DC-DC Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9201 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9201 Datasheet HTML 1Page - Richtek Technology Corporation RT9201 Datasheet HTML 2Page - Richtek Technology Corporation RT9201 Datasheet HTML 3Page - Richtek Technology Corporation RT9201 Datasheet HTML 4Page - Richtek Technology Corporation RT9201 Datasheet HTML 5Page - Richtek Technology Corporation RT9201 Datasheet HTML 6Page - Richtek Technology Corporation RT9201 Datasheet HTML 7Page - Richtek Technology Corporation RT9201 Datasheet HTML 8Page - Richtek Technology Corporation RT9201 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
RT9201
2
DS9201-12 August 2007
www.richtek.com
Typical Application Circuit
Recommended using lower ESR capacitor
F2
F2
F1
OUT
R
R
R
0.8
V
+
×
=
VOUT
(V)
VIN
(V)
RF1
(
Ω)
CF1
(pF)
RF2
(
Ω)
CF2
(pF)
LX
(
µH)
CSS
(pF)
CIN
(uF)
COUT
(uF)
0.85
2.5 to 4.0
24k
330
390k
10
4.7
330
10
22 or (10 x 2)
1.375
2.5 to 5.0
280k
33
390k
10
4.7
330
10
22 or (10 x 2)
1.5
2.5 to 5.5
343k
22
390k
10
6.8
470
10
22 or (10 x 2)
1.8
2.5 to 5.5
487k
15
390k
10
6.8
470
10
22 or (10 x 2)
2.5
3.5 to 5.5
820k
10
390k
10
10
680
10
22 or (10 x 2)
3.3
4.5 to 5.5
1.2M
5.6
390k
10
10
1000
10
22 or (10 x 2)
Recommended component selection for typical application circuit.
Component
Supplier
Series
Inductance (
µH)
ESR (m
Ω)
Current Rating (mA)
Dimensions (mm)
SH4018
4.7
6.8
10
82
100
150
1500
1150
1000
4.8x4.8x1.8
ABC
SR0302
4.7
6.8
10
150
180
250
1200
1000
800
3x2.8x2.5
TDK
SLF6028
4.7
6.8
10
28
35
53
1600
1500
1300
6x6x2.8
Coilcraft
DO1606
4.7
6.8
10
150
200
300
1100
1000
900
6.5x5.23x2
Suggested Inductors
PVDD
VDD
GND
LX
FB
SS
PGND
RT9201
8
7
3
2
6
5, Exposed Pad (11)
9
VOUT
RF1
RF2
1
EN
CF1
CF2
CSS
LX
CIN
COUT
VIN
GPIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com