Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9202 Datasheet (PDF) - Richtek Technology Corporation

RT9202 Datasheet PDF - Richtek Technology Corporation
Part # RT9202
Download  RT9202 Download
File Size   149.18 Kbytes
Page   16 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description SINGLE SYNCHRONOUS BUCK PWM DC-DC CONTROLLER

RT9202 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9202 Datasheet PDF - Richtek Technology Corporation

Part # RT9202
Download  RT9202 Click to download

File Size   149.18 Kbytes
Page   16 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description SINGLE SYNCHRONOUS BUCK PWM DC-DC CONTROLLER

RT9202 Datasheet (HTML) - Richtek Technology Corporation


RT9202 Product details

General Description
The RT9202 is a single power supply PWM DC-DC converter controller designed to drive N-MOSFET in a synchronous buck topology. The IC integrates the control, output adjustment, monitoring and protection functions in a small 8-pin package.

Features
• Operate From 5V
• 0.8V Internal Reference
• Drive TwoN-MOSFETs
• Voltage Mode PWM Control
• Fast Transient Response
• Fixed 300kHz Oscillator Frequency
• Full 0 to 100% Duty Cycle
• Internal Soft Start
• Adaptive Non-Overlapping Gate Driver
• Over-Current Monitor Uses MOSFET RDS(ON)
• Over-Voltage Protection Uses Low-Side MOSFET
• RoHS Compliant and 100% Lead (Pb)-Free

Applications
• Motherboard Power Regulation for Computers
• Subsystems Power Supplies
• Cable Modems, Set Top Box, and DSL Modems
• DSP and Core Communications processor Supplies
• Memory Power Supplies
• Personal Computer Peripherals
• Industrial Power Supplies
• 5V-InputDC-DC Regulators
• LowVoltage Distributed Power Supplies




Similar Part No. - RT9202

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9202 RICHTEK-RT9202 Datasheet
197Kb / 14P
Single Synchronous Buck PWM DC-DC Controller
RT9202B RICHTEK-RT9202B Datasheet
197Kb / 14P
Single Synchronous Buck PWM DC-DC Controller
RT9202BGS RICHTEK-RT9202BGS Datasheet
197Kb / 14P
Single Synchronous Buck PWM DC-DC Controller
RT9202BPS RICHTEK-RT9202BPS Datasheet
197Kb / 14P
Single Synchronous Buck PWM DC-DC Controller
RT9202GS RICHTEK-RT9202GS Datasheet
197Kb / 14P
Single Synchronous Buck PWM DC-DC Controller
More results


Similar Description - RT9202

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2014 DIODES-AP2014 Datasheet
405Kb / 13P
SYNCHRONOUS PWM DC-DC BUCK CONTROLLER
DS30883 Rev. 1 - 0
logo
Richtek Technology Corp...
RT9202 RICHTEK-RT9202_07 Datasheet
197Kb / 14P
Single Synchronous Buck PWM DC-DC Controller
RT9202B RICHTEK-RT9202B Datasheet
197Kb / 14P
Single Synchronous Buck PWM DC-DC Controller
RT9214 RICHTEK-RT9214 Datasheet
345Kb / 17P
5V/12V Synchronous Buck PWM DC-DC Controller
logo
Feature Integration Tec...
F72814 FINTEK-F72814 Datasheet
486Kb / 16P
Synchronous Buck PWM DC-DC Controller
F72820 FINTEK-F72820 Datasheet
508Kb / 18P
Synchronous Buck PWM DC-DC Controller
logo
Unisonic Technologies
USR1101 UTC-USR1101 Datasheet
152Kb / 6P
5V/12V SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
USR1101 UTC-USR1101_15 Datasheet
170Kb / 5P
5V/12V SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
logo
Richtek Technology Corp...
RT8105 RICHTEK-RT8105 Datasheet
216Kb / 12P
5V/12V Synchronous Buck PWM DC/DC Controller
logo
Fitipower Integrated Te...
FP6329 FITIPOWER-FP6329 Datasheet
699Kb / 16P
Synchronous Buck PWM DC-DC Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com