Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9202 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9202
Description  SINGLE SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9202 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9202 Datasheet HTML 1Page - Richtek Technology Corporation RT9202 Datasheet HTML 2Page - Richtek Technology Corporation RT9202 Datasheet HTML 3Page - Richtek Technology Corporation RT9202 Datasheet HTML 4Page - Richtek Technology Corporation RT9202 Datasheet HTML 5Page - Richtek Technology Corporation RT9202 Datasheet HTML 6Page - Richtek Technology Corporation RT9202 Datasheet HTML 7Page - Richtek Technology Corporation RT9202 Datasheet HTML 8Page - Richtek Technology Corporation RT9202 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
RT9202
www.richtek.com
DS9202-02 August 2002
2
Typical Application Circuit
Fig.1 RT9202 powered from 5V only
Fig.2 RT9202 powered from 12V
5V
PHASE
OCSET
FB
VCC
RT9202
BOOT
UGATE
GND
LGATE
C4
1
µF
R1
20K
Q1
2N7002
SHDN
H: shutdown
C2
1
µF
R4
10
12V
5
6
7
8
4
3
2
1
+
+
VOUT
C1
470
µF
R3
120
R2
250
C3
1000
µF
ML
MU
C5
1
µF
2.5V
L1
5
µH
C6
10nF
5V
PHASE
+
OCSET
FB
VCC
RT9202
BOOT
UGATE
GND
LGATE
+
VOUT
C1
470
µF
C4
1
µF
C2
0.1
µF
R3
120
R2
255
L2
5
µH
R1
20K
C3
1000
µF
ML
MU
Q2
2N7002
SHDN
H: shutdown
5
6
7
8
4
3
2
1
C5
1
µF
2.5V
R4
10
D1
MA732
C6
10nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com