Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW8868B Datasheet (PDF) - Anpec Electronics Coropration

APW8868B Datasheet PDF - Anpec Electronics Coropration
Part # APW8868B
Download  APW8868B Download
File Size   335.69 Kbytes
Page   26 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description DDR2 AND DDR3/DDR3L SYNCHRONOUS BUCK CONTROLLER WITH 1.5A LDO SUPPORT LOW IQ & DROOP

APW8868B Datasheet (PDF)

Go To PDF Page Download Datasheet
APW8868B Datasheet PDF - Anpec Electronics Coropration

Part # APW8868B
Download  APW8868B Click to download

File Size   335.69 Kbytes
Page   26 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description DDR2 AND DDR3/DDR3L SYNCHRONOUS BUCK CONTROLLER WITH 1.5A LDO SUPPORT LOW IQ & DROOP

APW8868B Datasheet (HTML) - Anpec Electronics Coropration


APW8868B Product details

Features
Buck Controller (VDDQ)
· High Input Voltages Range from 3V to 28V Input
Power
· Provide Adjustable Output Voltage from 0.675V to
5.5V +1% Accuracy over Temperature
· Integrated MOSFETDrivers and Bootstrap Forward
P-CHMOSFET
· Low Quiescent Current (200mA)
· Excellent Line and Load Transient Responses
· PFM Mode for Increased Light Load Efficiency
· Constant On-Time Controller Scheme
- Switching Frequency Compensation for PWM
Mode
- Adjustable Switching Frequency from 400kHz to
550kHz in PWM Mode with DC Output Current
· S3 and S5 Pins Control The Device in S0, S3 or S4/
S5 State
· Power Good Monitoring
· 70% Under-Voltage Protection (UVP)
· 125% Over-Voltage Protection (OVP)
· Adjustable Current-Limit Protection
- Using Sense Low-Side MOSFET’s RDS(ON)
· TQFN-20 3mmx3mm Thin package
· Lead Free Available (RoHS Compliant)
+1.5A LDO Section (VTT)
· Sourcing and Sinking Current up to 1.5A
· Fast Transient Response for Output Voltage
· Output Ceramic Capacitors Support at least 10mF
MLCC
· VTT and VTTREF Track at Half the VDDQSNS by
internal divider
· +20mV Accuracy for VTT and VTTREF
· Independent Over-Current Limit (OCL)
· Thermal Shutdown Protection
General Description
TheAPW8868B integrates a synchronous buck PWM controller to generate VDDQ, a sourcing and sinking LDO
linear regulator to generate VTT. It offers the lowest total
solution cost in system where space is at a premium.
The APW8868B provides excellent transient response
and accurate DC voltage output in either PFM or PWM
Mode. In Pulse Frequency Mode (PFM), the APW8868B
provides very high efficiency over light to heavy loads with
loading-modulated switching frequencies. On TQFN-20
Package, the Forced PWM Mode works nearly at constant frequency for low-noise requirements.
The APW8868B is equipped with accurate current-limit,
output under-voltage, and output over-voltage protections.
A Power-On- Reset function monitors the voltage on VCC
prevents wrong operation during power on.
The LDO is designed to provide a regulated voltage with
bi-directional output current for DDR-SDRAM termination.
The device integrates two power transistors to source
and sink current up to 1.5A. It also incorporates currentlimit and thermal shutdown protection.
The output voltage of LDO tracks the voltage at VREF pin.
An internal resistor divider is used to provide a half voltage of VREF for VTTREF and VTT Voltage. The VTT output
voltage is only requiring 20mF of ceramic output capacitance for stability and fast transient response. The S3
and S5 pins provide the sleep state for VTT (S3 state)
and suspend state (S4/S5 state) for device, when S5 and
S3 are both pulled low the device provides the soft-off for
VTT and VTTREF.




Similar Part No. - APW8868B

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW8868 ANPEC-APW8868 Datasheet
326Kb / 22P
DDR2 AND DDR3 SYNCHRONOUS BUCK CONTROLLER WITH 1.5A LDO SUPPORT LOW IQ & DROOP
Rev. A.1 - Dec., 2013
More results


Similar Description - APW8868B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51216 TI1-TPS51216 Datasheet
770Kb / 30P
Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller, 2-A LDO, Buffered Reference
TPS51916 TI1-TPS51916 Datasheet
959Kb / 33P
Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller, 2-A LDO, Buffered Reference
TPS51916 TI1-TPS51916_12 Datasheet
975Kb / 34P
Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck
TPS51716 TI-TPS51716 Datasheet
1Mb / 30P
Complete DDR2, DDR3, DDR3L, and LPDDR3 Memory Power Solution Synchronous Buck Controller, 2-A LDO, with Buffered Reference
TPS51116 TI1-TPS51116_12 Datasheet
1Mb / 42P
COMPLETE DDR, DDR2 AND DDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
TPS51116RGETG4 TI-TPS51116RGETG4 Datasheet
1Mb / 42P
COMPLETE DDR, DDR2 AND DDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
TPS51116RGETG4 TI1-TPS51116RGETG4 Datasheet
1Mb / 42P
COMPLETE DDR, DDR2 AND DDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
logo
Anpec Electronics Corop...
APW8813 ANPEC-APW8813 Datasheet
788Kb / 31P
DDR2 And DDR3 Power Solution Synchronous Buck Controller With 1.5A LDO
logo
Global Mixed-mode Techn...
G5316 GMT-G5316 Datasheet
82Kb / 2P
Complete DDR2, DDR3 and DDR3L Memory Solution Synchronous Buck PWM Controller, 2A LDO, Buffered Reference
logo
Texas Instruments
TPS51216 TI1-TPS51216_15 Datasheet
1Mb / 33P
Complete DDR2 DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com