Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW8868 Datasheet (PDF) - Anpec Electronics Coropration

APW8868 Datasheet PDF - Anpec Electronics Coropration
Part # APW8868
Download  APW8868 Download
File Size   326.51 Kbytes
Page   22 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description DDR2 AND DDR3 SYNCHRONOUS BUCK CONTROLLER WITH 1.5A LDO SUPPORT LOW IQ & DROOP

APW8868 Datasheet (PDF)

Go To PDF Page Download Datasheet
APW8868 Datasheet PDF - Anpec Electronics Coropration

Part # APW8868
Download  APW8868 Click to download

File Size   326.51 Kbytes
Page   22 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description DDR2 AND DDR3 SYNCHRONOUS BUCK CONTROLLER WITH 1.5A LDO SUPPORT LOW IQ & DROOP

APW8868 Datasheet (HTML) - Anpec Electronics Coropration


APW8868 Product details

Features General Description
Buck Controller (VDDQ)
· High Input Voltages Range from 3V to 28V Input
Power
· Provide Adjustable Output Voltage from 0.75V to
5.5V +1% Accuracy over Temperature
· Integrated MOSFETDrivers and Bootstrap Forward
P-CHMOSFET
· Low Quiescent Current (200mA)
· Excellent Line and Load Transient Responses
· PFM Mode for Increased Light Load Efficiency
· Constant On-Time Controller Scheme
- Switching Frequency Compensation for PWM
Mode
- Adjustable Switching Frequency from 100kHz to
550kHz in PWM Mode with DC Output Current
· S3 and S5 Pins Control The Device in S0, S3 or S4/
S5 State
· Power Good Monitoring
· Extra Droop Voltage Control Function with
Adjustable Current Setting
· 70% Under-Voltage Protection (UVP)
· 125% Over-Voltage Protection (OVP)
· Adjustable Current-Limit Protection
- Using Sense Low-Side MOSFET’s RDS(ON)
· TQFN-20 3mmx3mm Thin package
· Lead Free Available (RoHS Compliant)
+1.5A LDO Section (VTT)
· Sourcing or Sinking Current up to 1.5A
· Fast Transient Response for Output Voltage
· Output Ceramic Capacitors Support at least 10mF
MLCC
· VTT and VTTREF Track at Half the VDDQSNS by
internal divider
· +20mV Accuracy for VTT and VTTREF
· Independent Over-Current Limit (OCL)
· Thermal Shutdown Protection




Similar Part No. - APW8868

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW8868B ANPEC-APW8868B Datasheet
335Kb / 26P
DDR2 AND DDR3/DDR3L SYNCHRONOUS BUCK CONTROLLER WITH 1.5A LDO SUPPORT LOW IQ & DROOP
Rev. A.3 - Oct., 2017
More results


Similar Description - APW8868

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51216 TI1-TPS51216 Datasheet
770Kb / 30P
Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller, 2-A LDO, Buffered Reference
TPS51916 TI1-TPS51916 Datasheet
959Kb / 33P
Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller, 2-A LDO, Buffered Reference
TPS51716 TI-TPS51716 Datasheet
1Mb / 30P
Complete DDR2, DDR3, DDR3L, and LPDDR3 Memory Power Solution Synchronous Buck Controller, 2-A LDO, with Buffered Reference
TPS51116 TI1-TPS51116_12 Datasheet
1Mb / 42P
COMPLETE DDR, DDR2 AND DDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
TPS51116RGETG4 TI-TPS51116RGETG4 Datasheet
1Mb / 42P
COMPLETE DDR, DDR2 AND DDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
TPS51116RGETG4 TI1-TPS51116RGETG4 Datasheet
1Mb / 42P
COMPLETE DDR, DDR2 AND DDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
logo
Anpec Electronics Corop...
APW8813 ANPEC-APW8813 Datasheet
788Kb / 31P
DDR2 And DDR3 Power Solution Synchronous Buck Controller With 1.5A LDO
logo
Global Mixed-mode Techn...
G5316 GMT-G5316 Datasheet
82Kb / 2P
Complete DDR2, DDR3 and DDR3L Memory Solution Synchronous Buck PWM Controller, 2A LDO, Buffered Reference
logo
Texas Instruments
TPS51216 TI1-TPS51216_15 Datasheet
1Mb / 33P
Complete DDR2 DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller
logo
Anpec Electronics Corop...
APW8868B ANPEC-APW8868B Datasheet
335Kb / 26P
DDR2 AND DDR3/DDR3L SYNCHRONOUS BUCK CONTROLLER WITH 1.5A LDO SUPPORT LOW IQ & DROOP
Rev. A.3 - Oct., 2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com