Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT1142 Datasheet (PDF) - Advanced Analogic Technologies

AAT1142 Datasheet PDF - Advanced Analogic Technologies
Part # AAT1142
Download  AAT1142 Download
File Size   979.16 Kbytes
Page   22 Pages
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies
Description 800mA Voltage-Scaling Step-Down Converter

AAT1142 Datasheet (PDF)

Go To PDF Page Download Datasheet
AAT1142 Datasheet PDF - Advanced Analogic Technologies

Part # AAT1142
Download  AAT1142 Click to download

File Size   979.16 Kbytes
Page   22 Pages
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies
Description 800mA Voltage-Scaling Step-Down Converter

AAT1142 Datasheet (HTML) - Advanced Analogic Technologies


AAT1142 Product details

General Description
The AAT1142 SwitchReg is a dynamically programmable 2.2MHz step-down converter with an input voltage range of 2.7V to 5.5V and output from 0.6V to 2.0V. Its low supply current, high level of integration, and small footprint make the AAT1142 the ideal choice for microprocessor core power in systems such as smartphones.

Features
• VIN Range: 2.7V to 5.5V
• VOUT Programmable Range: 0.6V to 2.0V
• Dynamic Voltage Management:
    ▪ 50mV Output Resolution
    ▪ Fast, Stable Response
• Serial Control Options:
    ▪ I2C Two-Wire Interface
    ▪ S2Cwire Single-Wire Interface
• 800mA Output Current
• Up to 93% Efficiency
• Line, Load Regulation Less Than ±0.5%
• 2.2MHz Switching Frequency
• Ultra-Small External Filter
• Low 35μA No Load Quiescent Current
• 100% Duty Cycle Low Dropout Operation
• Internal Soft Start
• Over-Temperature Protection
• Current Limit Protection
• Multi-Function MODE/SYNC Pin:
    ▪ PFM/PWM for High Efficiency
    ▪ PWM Only for Low Noise
    ▪ Clock Input to Synchronize to System Clock
• TSOPJW-12 or TDFN33-12 Package
• Temperature Range: -40°C to +85°C

Applications
• Camcorders
• Cellular Phones and Smartphones
• Digital Still Cameras
• Handheld Instruments
• Microprocessor / DSP Core
• MP3, Portable Music, and Portable Media Players
• PDAs and Handheld Computers




Similar Part No. - AAT1142

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AAT1142 SKYWORKS-AAT1142 Datasheet
1Mb / 20P
800mA Voltage-Scaling Step-Down Converter
May 17, 2012
AAT1142-1.2 SKYWORKS-AAT1142-1.2 Datasheet
1Mb / 20P
800mA Voltage-Scaling Step-Down Converter
May 17, 2012
More results


Similar Description - AAT1142

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1110 ANALOGICTECH-AAT1110_06 Datasheet
698Kb / 19P
Fast Transient 800mA Step-Down Converter
logo
Monolithic Power System...
EV2105DJ-00A MPS-EV2105DJ-00A Datasheet
161Kb / 4P
800mA Synchronous Buck Step-Down Converter
MP2105 MPS-MP2105 Datasheet
270Kb / 8P
1MHz, 800mA Synchronous Step-Down Converter
MP2105 MPS-MP2105_06 Datasheet
285Kb / 8P
1MHz, 800mA Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8035 RICHTEK-RT8035 Datasheet
223Kb / 11P
Dual 800mA, 1.25MHz Synchronous Step-Down Converter
logo
BCD Semiconductor Manuf...
AUR9703 BCDSEMI-AUR9703 Datasheet
892Kb / 20P
1.5MHz, 800mA, STEP DOWN DC-DC CONVERTER
logo
Taiwan Memory Technolog...
T8308 TMT-T8308 Datasheet
120Kb / 10P
PWM Control 800mA Step-Down Converter
logo
Texas Instruments
TPS56C20 TI1-TPS56C20 Datasheet
1Mb / 44P
Synchronous Step-Down Voltage Regulator with Voltage Scaling
logo
SHENZHEN FUMAN ELECTRON...
FM3406 FUMAN-FM3406 Datasheet
469Kb / 10P
800mA~2A Step-Down Converter IC
logo
List of Unclassifed Man...
SP6669EB ETC-SP6669EB Datasheet
286Kb / 6P
800mA 1.5MHz Synchronous Step-Down Converter
April 2021
More results




About Advanced Analogic Technologies


Advanced Analogic Technologies (AnalogicTech) is a semiconductor company that specializes in the design, development and manufacture of power manageAdvanced Analogic Technologies (AnalogicTech) is a semiconductor company that specializes in the design, development and manufacture of power management and high-performance analog integrated circuits (ICs).
The company's products are used in a wide range of applications including mobile devices, laptops, digital cameras, and other portable electronic devices.
AnalogicTech's portfolio includes DC-DC converters, LED drivers, battery management ICs, and other power management solutions. The company was acquired by Texas Instruments in 2013.ment and high-performance analog integrated circuits (ICs). The company's products are used in a wide range of applications including mobile devices, laptops, digital cameras, and other portable electronic devices. AnalogicTech's portfolio includes DC-DC converters, LED drivers, battery management ICs, and other power management solutions. The company was acquired by Texas Instruments in 2013.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com