Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6669EB Datasheet (PDF) - List of Unclassifed Manufacturers

SP6669EB Datasheet PDF - List of Unclassifed Manufacturers
Part # SP6669EB
Download  SP6669EB Download
File Size   286.56 Kbytes
Page   6 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 800mA 1.5MHz Synchronous Step-Down Converter

SP6669EB Datasheet (PDF)

Go To PDF Page Download Datasheet
SP6669EB Datasheet PDF - List of Unclassifed Manufacturers

Part # SP6669EB
Download  SP6669EB Click to download

File Size   286.56 Kbytes
Page   6 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 800mA 1.5MHz Synchronous Step-Down Converter

SP6669EB Datasheet (HTML) - List of Unclassifed Manufacturers


SP6669EB Product details

GENERAL DESCRIPTION
The SP6669 is a synchronous current mode PWM step down (buck) converter capable of delivering up to 800mA of current and optimized for portable battery-operated applications.
Based on a current-mode 1.5MHz constant frequency PWM control scheme, the SP6669 reduces the overall component count and solution footprint. It provides low output voltage ripple and excellent line and load regulation. It also implements a 100% duty cycle LDO mode. Output voltage is adjustable to as low as 0.6V with a better than 3% accuracy while a low quiescent current supports the most stringent battery operating conditions.
Built-in over temperature and under voltage lock-out protections insure safe operations under abnormal operating conditions.
The SP6669 is offered in a RoHS compliant, “green”/halogen free 5-pin SOT23 package.

FEATURES
• Guaranteed 800mA Output Current
− Input Voltage: 2.5V to 5.5V
• 1.5MHz PWM Current Mode Control
− 100% Duty Cycle LDO Mode Operations
− Achieves 95% Efficiency
• Adjustable Output Voltage Range
− As Low as 0.6V with ±3% Accuracy
• Over Temperature & UVLO Protection




Similar Part No. - SP6669EB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP6669 EXAR-SP6669 Datasheet
745Kb / 10P
1.5MHZ, 600mA SYNCHRONOUS STEP DOWN CONVERTER
SP6669 EXAR-SP6669 Datasheet
466Kb / 11P
600mA 1.5MHz Synchronous Step Down Converter
SP6669AEK-L EXAR-SP6669AEK-L Datasheet
466Kb / 11P
600mA 1.5MHz Synchronous Step Down Converter
logo
TECH PUBLIC Electronics...
SP6669AEK-L-TP TECHPUBLIC-SP6669AEK-L-TP Datasheet
3Mb / 7P
High Efficiency 1.5MHz, 0.8A Synchronous Step Down Regulator
logo
Exar Corporation
SP6669AEK-L/TRR3 EXAR-SP6669AEK-L/TRR3 Datasheet
745Kb / 10P
1.5MHZ, 600mA SYNCHRONOUS STEP DOWN CONVERTER
More results


Similar Description - SP6669EB

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP3408 EUTECH-EUP3408 Datasheet
716Kb / 11P
1.5MHz, 800mA Synchronous Step-Down Converter with Soft Start
EUP3409 EUTECH-EUP3409 Datasheet
765Kb / 10P
Dual 1.5MHz, 800mA Synchronous Step-Down Converter
logo
BCD Semiconductor Manuf...
AUR9703 BCDSEMI-AUR9703 Datasheet
892Kb / 20P
1.5MHz, 800mA, STEP DOWN DC-DC CONVERTER
logo
E-CMOS Corporation
EC3210 E-CMOS-EC3210 Datasheet
1Mb / 16P
1.5MHz, 800mA, Synchronous Step-Down Regulator Dropout
logo
Leshan Radio Company
LR8503 LRC-LR8503 Datasheet
586Kb / 7P
800mA,2V-6.5V Input,1.5MHz Synchronous Step-Down Converter
logo
TECHCODE SEMICONDUCTOR,...
TD6810 TECHCODE-TD6810 Datasheet
738Kb / 17P
1.5MHz 800mA Synchronous Step-Down Regulator Dropout
logo
Fitipower Integrated Te...
FP6367 FITIPOWER-FP6367 Datasheet
575Kb / 9P
1.5MHz, 800mA, High-Efficiency PWM Synchronous Step-Down Converter
logo
SHOUDING Shouding Semic...
SD8916A SHOUDING-SD8916A Datasheet
475Kb / 8P
800mA,2-6V Input,1.5MHz Synchronous Step-Down Converter
logo
List of Unclassifed Man...
M3406 ETC1-M3406 Datasheet
383Kb / 9P
800mA,2V-6V Input,1.5MHz Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE7203D ACE-ACE7203D Datasheet
207Kb / 3P
800mA, 2V-6.5V Input,1.5MHz Synchronous Step-Down Converter
VER 1.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com