Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6669EB Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SP6669EB
Description  800mA 1.5MHz Synchronous Step-Down Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SP6669EB Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SP6669EB Datasheet HTML 1Page - List of Unclassifed Manufacturers SP6669EB Datasheet HTML 2Page - List of Unclassifed Manufacturers SP6669EB Datasheet HTML 3Page - List of Unclassifed Manufacturers SP6669EB Datasheet HTML 4Page - List of Unclassifed Manufacturers SP6669EB Datasheet HTML 5Page - List of Unclassifed Manufacturers SP6669EB Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SP6669EB
800mA 1
1..5
5M
MH
Hzz S
Syyn
ncch
hrro
on
no
ou
uss S
Stteep
p--D
Do
ow
wn
n C
Co
on
nvveerrtteerr
© 2012-2021 MaxLinear, Inc.
2/6
Rev. 1.0.1
PIN ASSIGNMENT
Fig. 2: SP6669 Pin Assignment
PIN DESCRIPTION
Name
Pin Number
Description
EN
1
Enable Pin. Do not leave the pin floating.
VEN<0.4V: Shutdown mode
VEN>1.2V: Device enabled
GND
2
Ground Signal Pin.
SW
3
Switching node.
VIN
4
Power Supply Pin.
Must be decoupled to ground with a 4.7µF or greater ceramic capacitor.
VFB
5
Adjustable Version Feedback Input Pin.
Connect VFB to the center point of the resistor divider.
ORDERING INFORMATION
Refer to SP6669’s datasheet and/or www.maxlinear.com for exact and up to date ordering
information.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com