Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F803 Datasheet (PDF) - Freescale Semiconductor, Inc

56F803 Datasheet PDF - Freescale Semiconductor, Inc
Part # 56F803_V01
Download  56F803 Download
File Size   675.08 Kbytes
Page   57 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description 16-bit Digital Signal Controllers

56F803 Datasheet (PDF)

Go To PDF Page Download Datasheet
56F803 Datasheet PDF - Freescale Semiconductor, Inc

Part # 56F803_V01
Download  56F803 Click to download

File Size   675.08 Kbytes
Page   57 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description 16-bit Digital Signal Controllers

56F803 Datasheet (HTML) - Freescale Semiconductor, Inc


56F803 Product details

56F803 General Description
• Up to 40 MIPS at 80MHz core frequency
• DSP and MCU functionality in a unified,
C-efficient architecture
• Hardware DO and REP loops
• MCU-friendly instruction set supports both DSP and
controller functions: MAC, bit manipulation unit, 14
addressing modes
• 31.5K × 16-bit words (64KB) Program Flash
• 512 × 16-bit words (1KB) Program RAM
• 4K × 16-bit words (8KB) Data Flash
• 2K × 16-bit words (4KB) Data RAM
• 2K × 16-bit words (4KB) Boot Flash
• Up to 64K × 16-bit words each of external Program
and Data memory
• 6-channel PWM module
• Two 4-channel 12-bit ADCs
• Quadrature Decoder
• CAN 2.0 B module
• Serial Communication Interface (SCI)
• Serial Peripheral Interface (SPI)
• Up to two General Purpose Quad Timers
• JTAG/OnCETM port for debugging
• 16 shared GPIO lines
• 100–pin LQFP package




Similar Part No. - 56F803_V01

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
56F8033 FREESCALE-56F8033 Datasheet
2Mb / 157P
16-bit Digital Signal Controllers
logo
NXP Semiconductors
56F8033 NXP-56F8033 Datasheet
2Mb / 157P
16-bit Digital Signal Controllers
logo
Freescale Semiconductor...
56F8035 FREESCALE-56F8035 Datasheet
2Mb / 161P
16-bit Digital Signal Controllers
logo
NXP Semiconductors
56F8035 NXP-56F8035 Datasheet
2Mb / 161P
16-bit Digital Signal Controllers
logo
Freescale Semiconductor...
56F8036 FREESCALE-56F8036 Datasheet
2Mb / 164P
16-bit Digital Signal Controllers
More results


Similar Description - 56F803_V01

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
56F8322 FREESCALE-56F8322 Datasheet
724Kb / 136P
16-bit Digital Signal Controllers
56F8014 FREESCALE-56F8014_07 Datasheet
1Mb / 125P
16-bit Digital Signal Controllers
56853 FREESCALE-56853 Datasheet
1Mb / 60P
16-bit Digital Signal Controllers
56F8023 FREESCALE-56F8023_07 Datasheet
2Mb / 156P
16-bit Digital Signal Controllers
56F8037 FREESCALE-56F8037_07 Datasheet
2Mb / 180P
16-bit Digital Signal Controllers
56F8347 FREESCALE-56F8347_07 Datasheet
2Mb / 172P
16-bit Digital Signal Controllers
56F8356 FREESCALE-56F8356 Datasheet
2Mb / 176P
16-bit Digital Signal Controllers
56F8357 FREESCALE-56F8357 Datasheet
2Mb / 177P
16-bit Digital Signal Controllers
56F8366 FREESCALE-56F8366_07 Datasheet
2Mb / 184P
16-bit Digital Signal Controllers
56800E FREESCALE-56800E Datasheet
296Kb / 20P
16-bit Digital Signal Controllers
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com