Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EN18A Datasheet (PDF) - TAITRON Components Incorporated

EN18A Datasheet PDF - TAITRON Components Incorporated
Part # EN18A
Download  EN18A Download
File Size   438.36 Kbytes
Page   21 Pages
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated
Description 1 A Low Dropout Positive Voltage Regulator

EN18A Datasheet (PDF)

Go To PDF Page Download Datasheet
EN18A Datasheet PDF - TAITRON Components Incorporated

Part # EN18A
Download  EN18A Click to download

File Size   438.36 Kbytes
Page   21 Pages
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated
Description 1 A Low Dropout Positive Voltage Regulator

EN18A Datasheet (HTML) - TAITRON Components Incorporated


EN18A Product details

Features
• Input Voltage up to 20V
• Output Current up to 1A
• Low Drop Output Voltage:Typical 1.15V at 1A output current
• Output Voltage Accuracy : ±1% for fixed output Voltage 1.5V,1.8V, 2.5V ,2.85V,
3.3V,5.0V and Adjustble Output Voltage Version.
±2% for fixed output Voltage 1.2V
• Trimmed Current Limit and On-Chip Thermal Shutdown
• Operation Junction Temperature: -40°C to 125°C
• RoHS Compliance and Halogen Free




Similar Part No. - EN18A

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
EN18AB TTELEC-EN18AB Datasheet
969Kb / 5P
18 mm Absolute Encoder
Rev A 02/2022
EN18ABHB11A0FXX TTELEC-EN18ABHB11A0FXX Datasheet
969Kb / 5P
18 mm Absolute Encoder
Rev A 02/2022
EN18ABHH22H0H0 TTELEC-EN18ABHH22H0H0 Datasheet
969Kb / 5P
18 mm Absolute Encoder
Rev A 02/2022
More results


Similar Description - EN18A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC55 MICROCHIP-TC55 Datasheet
72Kb / 9P
1關A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
2001
TC55 MICROCHIP-TC55_05 Datasheet
383Kb / 18P
1 關A Low Dropout Positive Voltage Regulator
2005
logo
Linear Dimensions Semic...
LND5201 LINEAR_DIMENSIONS-LND5201 Datasheet
203Kb / 7P
1 A Low Dropout Positive Voltage Regulator
logo
SeCoS Halbleitertechnol...
SJ1212 SECOS-SJ1212 Datasheet
396Kb / 3P
1 A Low Dropout Positive Low Dropout Linear Regulator
logo
Texas Instruments
TLV1117LV TI1-TLV1117LV Datasheet
637Kb / 20P
1-A, Positive Fixed Voltage, Low-Dropout Regulator
SEPTEMBER2011
TLV1117LV12 TI1-TLV1117LV12 Datasheet
698Kb / 20P
1-A, Positive Fixed Voltage, Low-Dropout Regulator
TLV117112 TI1-TLV117112 Datasheet
307Kb / 15P
1-A, Positive Fixed-Voltage, Low-Dropout Regulator
TLV1117LV33DCYT TI-TLV1117LV33DCYT Datasheet
903Kb / 19P
1-A, Positive Fixed Voltage, Low-Dropout Regulator
TLV1117LV TI-TLV1117LV_15 Datasheet
901Kb / 24P
TLV1117LV 1-A, Positive Fixed-Voltage, Low-Dropout Regulator
TLV1171 TI-TLV1171_15 Datasheet
805Kb / 18P
1-A, Positive Fixed-Voltage, Low-Dropout Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com