Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC55 Datasheet (PDF) - Microchip Technology

TC55 Datasheet PDF - Microchip Technology
Part # TC55
Download  TC55 Download
File Size   72.26 Kbytes
Page   9 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1關A LOW DROPOUT POSITIVE VOLTAGE REGULATOR

TC55 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC55 Datasheet PDF - Microchip Technology

Part # TC55
Download  TC55 Click to download

File Size   72.26 Kbytes
Page   9 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1關A LOW DROPOUT POSITIVE VOLTAGE REGULATOR

TC55 Datasheet (HTML) - Microchip Technology


TC55 Product details

GENERAL DESCRIPTION

The TC55 Series is a family of CMOS low dropout positive voltage regulators which can source up to 250mA of current. The extremely low operating current (1.1µA typical) makes this part the ideal choice for battery operated applications and eliminates the need for an additional shutdown mode. The power consumption of the TC55 is 1000 times lower than in bipolar regulators, significantly extending battery life.



FEATURES

■ Extremely Low Power Consumption 1.1µA (Typ.)

■ Very Low Dropout Voltage .... 120mV typ at 100mA 380mV typ at 200mA

■ Wide Input Voltage Range ..................... 10V (max.)

■ High Output Current .............. 250mA (VOUT= 5.0V)

■ High Accuracy Output Voltage ........................±2% (±1% Semicustom Version)

■ Wide Output Voltage Range .................... 1.1V-6.0V

■ Low Power Consumption ................... 1.1µA (Typ.)

■ Excellent Line Regulation ..................0.2%/V (Typ.)

■ Package Options .. 3-Pin SOT-23A, SOT-89, TO-92

■ Short Circuit Protection

■ Custom Voltages Available from 1.1V to 6.0V in 0.1V Steps for a 2%, and 2.0V to 6.0V for a 1% Tolerance



APPLICATIONS

■ Battery-Powered Devices

■ Cameras and Portable Video Equipment

■ Pagers and Cellular Phones

■ Solar-Powered Instruments

■ Consumer Products



 




Similar Part No. - TC55

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC55 TELCOM-TC55 Datasheet
50Kb / 3P
LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Cornell Dubilier Electr...
TC55 CDE-TC55 Datasheet
152Kb / 2P
Axial Leaded Aluminum Electrolytic Capacitors
logo
Toshiba Semiconductor
TC5501D TOSHIBA-TC5501D Datasheet
156Kb / 8P
256 WORD x 4 BIT CMOS RAM
TC5501D-1 TOSHIBA-TC5501D-1 Datasheet
156Kb / 8P
256 WORD x 4 BIT CMOS RAM
TC5501P TOSHIBA-TC5501P Datasheet
156Kb / 8P
256 WORD x 4 BIT CMOS RAM
More results


Similar Description - TC55

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC55 MICROCHIP-TC55_05 Datasheet
383Kb / 18P
1 關A Low Dropout Positive Voltage Regulator
2005
MCP1701 MICROCHIP-MCP1701_05 Datasheet
259Kb / 20P
2 關A Low Dropout Positive Voltage Regulator
2005
MCP1701A MICROCHIP-MCP1701A Datasheet
606Kb / 22P
2關A Low-Dropout Positive Voltage Regulator
2007
logo
Linear Dimensions Semic...
LND5201 LINEAR_DIMENSIONS-LND5201 Datasheet
203Kb / 7P
1 A Low Dropout Positive Voltage Regulator
logo
Texas Instruments
TLV1117LV TI1-TLV1117LV Datasheet
637Kb / 20P
1-A, Positive Fixed Voltage, Low-Dropout Regulator
SEPTEMBER2011
TLV1117LV12 TI1-TLV1117LV12 Datasheet
698Kb / 20P
1-A, Positive Fixed Voltage, Low-Dropout Regulator
TLV117112 TI1-TLV117112 Datasheet
307Kb / 15P
1-A, Positive Fixed-Voltage, Low-Dropout Regulator
TLV1117LV33DCYT TI-TLV1117LV33DCYT Datasheet
903Kb / 19P
1-A, Positive Fixed Voltage, Low-Dropout Regulator
TLV1171 TI-TLV1171_15 Datasheet
805Kb / 18P
1-A, Positive Fixed-Voltage, Low-Dropout Regulator
logo
TAITRON Components Inco...
LD1117A12 TAITRON-LD1117A12 Datasheet
438Kb / 21P
1 A Low Dropout Positive Voltage Regulator
Rev. A/LX
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com