Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC55 Datasheet(PDF) 6 Page - Microchip Technology

Part # TC55
Description  1關A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC55 Datasheet(HTML) 6 Page - Microchip Technology

  TC55 Datasheet HTML 1Page - Microchip Technology TC55 Datasheet HTML 2Page - Microchip Technology TC55 Datasheet HTML 3Page - Microchip Technology TC55 Datasheet HTML 4Page - Microchip Technology TC55 Datasheet HTML 5Page - Microchip Technology TC55 Datasheet HTML 6Page - Microchip Technology TC55 Datasheet HTML 7Page - Microchip Technology TC55 Datasheet HTML 8Page - Microchip Technology TC55 Datasheet HTML 9Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TC55 Series
6
1
µA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
© 2001 Microchip Technology Inc.
DS21435A
TC55-24
02/01/01
TYPICAL CHARACTERISTICS
0.9
0.8
0.7
0.6
0.5
–20
0
20
–40
OPERATING TEMPERATURE (
°C)
TC55RP3002 (VIN = 4.0V)
1.2
1.1
1.0
1.5
1.4
1.8
6. SUPPLY CURRENT vs. OPERATING TEMPERATURE
7.INPUT TRANSIENT RESPONSE
40
60
80 100
1.4
1.3
1.2
1.1
1.0
–20
0
20
–40
OPERATING TEMPERATURE (
°C)
TC55RP5002 (VIN = 6.0V)
1.7
1.6
1.5
2.0
1.9
1.8
40
60
80 100
TIME (msec)
7.0
6.5
6.0
5.5
5.0
5.0
4.5
4.0
–10
12
3
TC55RP5002 (IOUT = 1mA)
7.5
Input
Voltage
Output
Voltage
8.0
TIME (msec)
7.0
6.5
6.0
5.5
5.0
4.5
4.0
–10
12
3
TC55RP5002 (IOUT = 10mA)
7.5
Input
Voltage
Output
Voltage
8.0
8. LOAD TRANSIENT RESPONSE
TIME (2msec/div)
6
5
4
3
2
TC55RP3002
Output Voltage
Output Current
40mA
1mA
7
200
160
120
80
40
0
TIME (2msec/div)
4
3
2
1
0
TC55RP3002
Output Voltage
Output Current
40mA
1mA
5
200
160
120
80
40
0



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com