Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC55 Datasheet(PDF) 8 Page - Microchip Technology

Part # TC55
Description  1關A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC55 Datasheet(HTML) 8 Page - Microchip Technology

  TC55 Datasheet HTML 1Page - Microchip Technology TC55 Datasheet HTML 2Page - Microchip Technology TC55 Datasheet HTML 3Page - Microchip Technology TC55 Datasheet HTML 4Page - Microchip Technology TC55 Datasheet HTML 5Page - Microchip Technology TC55 Datasheet HTML 6Page - Microchip Technology TC55 Datasheet HTML 7Page - Microchip Technology TC55 Datasheet HTML 8Page - Microchip Technology TC55 Datasheet HTML 9Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
TC55 Series
8
1
µA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
© 2001 Microchip Technology Inc.
DS21435A
TC55-24
02/01/01
.071 (1.80)
.063 (1.60)
.181 (4.60)
.173 (4.39)
.019 (0.48)
.014 (0.36)
.022 (0.56)
.016 (0.41)
.019 (0.48)
.014 (0.36)
PIN 1
.063 (1.60)
.055 (1.40)
.031 (0.79) MIN.
.102 (2.59)
.090 (2.29)
.167 (4.24)
.017 (0.43)
.014 (0.36)
.063 (1.60)
.055 (1.40)
3-Pin SOT-89
PACKAGE DIMENSIONS
Dimensions: inches (mm)
3-Pin SOT-23A (EIAJ SC-59)
.071 (1.80)
.055 (1.40)
PIN 1
.118 (3.00)
.098 (2.50)
.020 (0.50)
.012 (0.30)
.075 (1.90)
REF.
.122 (3.10)
.106 (2.70)
.051 (1.30)
.035 (0.90)
.006 (0.15)
.000 (0.00)
.022 (0.55)
.014 (0.35)
10
° MAX.
.010 (0.25)
.004 (0.09)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com