Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC55 Datasheet(PDF) 5 Page - Microchip Technology

Part # TC55
Description  1關A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC55 Datasheet(HTML) 5 Page - Microchip Technology

  TC55 Datasheet HTML 1Page - Microchip Technology TC55 Datasheet HTML 2Page - Microchip Technology TC55 Datasheet HTML 3Page - Microchip Technology TC55 Datasheet HTML 4Page - Microchip Technology TC55 Datasheet HTML 5Page - Microchip Technology TC55 Datasheet HTML 6Page - Microchip Technology TC55 Datasheet HTML 7Page - Microchip Technology TC55 Datasheet HTML 8Page - Microchip Technology TC55 Datasheet HTML 9Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TC55 Series
5
1
µA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
© 2001 Microchip Technology Inc.
DS21435A
TC55-24
02/01/01
TYPICAL CHARACTERISTICS
0.8
0.6
0.4
0.2
0.0
–0.2
20 40
60
0
160
OUTPUT CURRENT IOUT (mA)
OUTPUT CURRENT IOUT (mA)
TC55RP3002
1.4
1.2
1.0
2.0
1.8
1.6
3. DROPOUT VOLTAGE vs. OUTPUT CURRENT
4. OUTPUT VOLTAGE vs. OPERATING TEMPERATURE
80 100 120 140
25
°C
1.0
0.8
0.6
0.4
0.2
0.0
–0.2
40
80
0
200
160
TC55RP5002
1.4
1.2
2.0
1.8
1.6
120
OPERATING TEMPERATURE (
°C)
3.02
3.00
2.98
2.96
2.94
2.92
2.90
–40
–20
0
20
40
60
80
100
TC55RP3002 (VIN = 4.0V)
3.06
3.04
3.10
3.08
IOUT = 10mA
40mA
–30
°C
–30
°C
25
°C
OPERATING TEMPERATURE (
°C)
5.02
5.00
4.98
4.96
4.94
4.92
4.90
–40
–20
0
20
40
60
80
100
TC55RP5002 (VIN = 6.0V)
5.06
5.04
5.10
5.08
IOUT = 10mA
40mA
5. SUPPLY CURRENT vs. INPUT VOLTAGE
INPUT VOLTAGE VIN (V)
1.1
1.0
0.9
0.8
0.7
0.6
0.5
3
45
6
7
8
9
10
INPUT VOLTAGE VIN (V)
5
6
789
10
TC55RP3002
1.3
1.2
1.5
1.4
1.6
1.4
1.3
1.2
1.1
1.0
0.5
1.8
1.7
2.0
1.9
T
OPR = 25°C
T
OPR = 25°C
TC55RP5002
80
°C
80
°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com